Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 136 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 136 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 132Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 133Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 134Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 135Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 136Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 137Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 138Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 139Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 136
 2011-2013 Microchip Technology Inc.
11.1.1
OPEN-DRAIN CONFIGURATION
In addition to the PORT, LAT and TRIS registers for
data control, each port pin can also be individually
configured for either digital or open-drain output. This is
controlled by the Open-Drain Control register, ODCx,
associated with each port. Setting any of the bits
configures the corresponding pin to act as an
open-drain output.
The maximum open-drain voltage allowed is the same
as the maximum VIH specification.
11.2
Configuring Analog Port Pins
The use of the ANS and TRIS registers control the
operation of the A/D port pins. The port pins that are
desired as analog inputs must have their correspond-
ing TRISx bit set (input). If the TRISx bit is cleared
(output), the digital output level (VOH or VOL) will be
converted.
When reading the PORT register, all pins configured as
analog input channels will read as cleared (a low level).
Analog levels on any pin that is defined as a digital
input (including the ANx pins) may cause the input
buffer to consume current that exceeds the device
specifications.
11.2.1
ANALOG SELECTION REGISTERS
I/O pins with shared analog functionality, such as A/D
inputs and comparator inputs, must have their digital
inputs shut off when analog functionality is used. Note
that analog functionality includes an analog voltage
being applied to the pin externally.
To allow for analog control, the ANSx registers are
provided. There is one ANS register for each port
(ANSA, ANSB and ANSC). Within each ANSx register,
there is a bit for each pin that shares analog
functionality with the digital I/O functionality.
If a particular pin does not have an analog function, that
bit is unimplemented. See Register 11-1 to Register 11-3
for implementation.
REGISTER 11-1:
ANSA: ANALOG SELECTION (PORTA)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
ANSA3
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-4
Unimplemented: Read as ‘0’
bit 3-0
ANSA<3:0>: Analog Select Control bits
1 = Digital input buffer is not active (use for analog input)
0 = Digital input buffer is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com