Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA302-I/ML Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC24FV32KA302-I/ML
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302-I/ML Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC24FV32KA302-I/ML Datasheet HTML 152Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 153Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 154Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 155Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 156Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 157Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 158Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 159Page - Microchip Technology PIC24FV32KA302-I/ML Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 156
 2011-2013 Microchip Technology Inc.
15.4
Subcycle Resolution
The DCBx bits (OCxCON2<10:9>) provide for resolu-
tion better than one instruction cycle. When used, they
delay the falling edge generated from a match event by
a portion of an instruction cycle.
For example, setting DCB<1:0> = 10 causes the falling
edge to occur halfway through the instruction cycle in
which the match event occurs, instead of at the
beginning. These bits cannot be used when
OCM<2:0> = 001. When operating the module in PWM
mode (OCM<2:0> = 110 or 111), the DCBx bits will be
double-buffered.
The DCBx bits are intended for use with a clock source
identical to the system clock. When an OCx module
with enabled prescaler is used, the falling edge delay
caused by the DCBx bits will be referenced to the
system clock period, rather than the OCx module’s
period.
TABLE 15-1:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 4 MIPS (FCY = 4 MHz)(1)
TABLE 15-2:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 16 MIPS (FCY = 16 MHz)(1)
PWM Frequency
7.6 Hz
61 Hz
122 Hz
977 Hz
3.9 kHz
31.3 kHz
125 kHz
Prescaler Ratio
8
1
111
11
Period Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
PWM Frequency
30.5 Hz
244 Hz
488 Hz
3.9 kHz
15.6 kHz
125 kHz
500 kHz
Prescaler Ratio
8
1
111
11
Period Value
FFFFh
FFFFh
7FFFh
0FFFh
03FFh
007Fh
001Fh
Resolution (bits)
16
16
15
12
10
7
5
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com