Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VB Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 107Page - STMicroelectronics STM32L152VB Datasheet HTML 108Page - STMicroelectronics STM32L152VB Datasheet HTML 109Page - STMicroelectronics STM32L152VB Datasheet HTML 110Page - STMicroelectronics STM32L152VB Datasheet HTML 111Page - STMicroelectronics STM32L152VB Datasheet HTML 112Page - STMicroelectronics STM32L152VB Datasheet HTML 113Page - STMicroelectronics STM32L152VB Datasheet HTML 114Page - STMicroelectronics STM32L152VB Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Package characteristics
Doc ID 17659 Rev 8
111/121
Figure 39.
UFBGA100 - 7 x 7 x 0.6 mm, 0.5 mm pitch, package outline
1.
Drawing is not to scale.
Table 66.
UFBGA100 - 7 x 7 x 0.6 mm, 0.5 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.530
0.460
0.600
0.0209
0.0181
0.0236
A1
0.080
0.050
0.110
0.0031
0.0020
0.0043
A2
0.450
0.400
0.500
0.0177
0.0157
0.0197
A3
0.130
0.080
0.180
0.0051
0.0031
0.0071
A4
0.320
0.270
0.370
0.0126
0.0106
0.0146
b
0.250
0.200
0.300
0.0098
0.0079
0.0118
D
7.000
6.950
7.050
0.2756
0.2736
0.2776
D1
5.500
5.450
5.550
0.2165
0.2146
0.2185
E
7.000
6.950
7.050
0.2756
0.2736
0.2776
E1
5.500
5.450
5.550
0.2165
0.2146
0.2185
e
0.500
0.0197
F
0.750
0.700
0.800
0.0295
0.0276
0.0315
ddd
0.100
0.0039
eee
0.150
0.0059
fff
0.050
0.0020
A0C2_ME_V2
Seating plane
A1
e
F
F
D
M
Øb (100 balls)
A
E
TOP VIEW
BOTTOM VIEW
1
12
A1 ball
identifier
e
A
A2
Y
X
Z
ddd Z
D1
E1
eee
Z Y X
fff
Ø
Ø
M
M
Z
A3
A4
A1 ball
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com