Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VB Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L152VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VB Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L152VB Datasheet HTML 113Page - STMicroelectronics STM32L152VB Datasheet HTML 114Page - STMicroelectronics STM32L152VB Datasheet HTML 115Page - STMicroelectronics STM32L152VB Datasheet HTML 116Page - STMicroelectronics STM32L152VB Datasheet HTML 117Page - STMicroelectronics STM32L152VB Datasheet HTML 118Page - STMicroelectronics STM32L152VB Datasheet HTML 119Page - STMicroelectronics STM32L152VB Datasheet HTML 120Page - STMicroelectronics STM32L152VB Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Revision history
Doc ID 17659 Rev 8
117/121
9
Revision history
on
Table 70.
Document revision history
Date
Revision
Changes
02-Jul-2010
1
Initial release.
01-Oct-2010
2
Removed 5 V tolerance (FT) from PA3, PB0 and PC3 in Table 9:
STM32L15xxx pin definitions on page 36
Updated Table 15: Embedded reset and power control block
characteristics on page 51
Updated Table 16: Embedded internal reference voltage on page 53
Added Table 53: ADC clock frequency on page 90
Updated Table 54: ADC characteristics on page 90
16-Dec-2010
3
Modified consumptions on page 1 and in Section 3.1: Low power
modes on page 13
LED_SEG8 removed on PB6
Updated Section 6: Electrical characteristics on page 47
VFQFPN48 replaced by UFQFPN48
25-Feb-2011
4
Features: updated value of Low-power sleep.
Section 3.3.2: Power supply supervisor: updated note.
Table 9: STM32L15xxx pin definitions: modified main function (after
reset) and alternate function for OSC_IN and OSC_OUT pins; modified
footnote 5; added footnote to OSC32_IN and OSC32_OUT pins; C1
and D1 removed on PD0 and PD1 pins (TFBGA64 column).
Section 3.11: DAC (digital-to-analog converter): updated bullet list.
Table 11: Voltage characteristics on page 49: updated footnote 3
regarding IINJ(PIN).
Table 12: Current characteristics on page 49: updated footnote 4
regarding positive and negative injection.
Table 15: Embedded reset and power control block characteristics on
page 51: updated typ and max values for TRSTTEMPO (VDD rising, BOR
enabled).
Table 17: Current consumption in Run mode, code with data
processing running from Flash on page 54: removed values for HSI
clock source (16 MHz), Range 3.
Table 18: Current consumption in Run mode, code with data
processing running from RAM on page 55: removed values for HSI
clock source (16 MHz), Range 3.
Table 19: Current consumption in Sleep mode on page 56: removed
values for HSI clock source (16 MHz), Range 3 for both RAM and
Flash; changed units.
Table 20: Current consumption in Low power run mode on page 57:
updated parameter and max value of IDD Max (LP Run).
Table : on page 58: updated symbol, parameter, and max value of IDD
Max (LP Sleep).
Table 18: Typical and maximum current consumptions in Stop mode:
updated values for IDD (Stop with RTC) - RTC clocked by LSE external
clock (32.768 kHz), regulator in LP mode, HSI and HSE OFF (no
independent watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com