Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 118Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 119Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 122Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 123Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 124Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 125Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 166 page
background image
Electrical characteristics
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
122/166
Doc ID 8349 Rev 5
13.3.3
Auxiliary voltage detector (AVD) thresholds
TA = -40 to 85°C, unless otherwise specified.
13.3.4
Internal RC oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by
option byte).
The RC oscillator and PLL characteristics are temperature-dependent and are grouped in
four tables.
Table 62.
AVD thresholds
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.40(1)
3.90(1)
3.20(1)
4.70
4.10
3.40
5.00
4.30
3.60
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
4.30
3.70
2.90
4.60
3.90
3.20
4.90(1)
4.10(1)
3.40(1)
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
−
150
−
mV
ΔVIT-
Voltage drop between AVD flag set and
LVD reset activation
VDD fall
−
0.45
−
V
1.
Not tested in production.
Table 63.
Internal RC oscillator and PLL
Symbol
Parameter
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
2.4
−
5.5
V
VDD(x4PLL)
x4 PLL operating voltage
2.4
−
3.3
VDD(x8PLL)
x8 PLL operating voltage
3.3
−
5.5
tSTARTUP
PLL Startup time
−
60
−
PLL
input
clock
(fPLL)
cycles
Table 64.
RC oscillator and PLL characteristics (tested for TA = -40 to +85°C) @ VDD =4.5 to
5.5 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
(1)
Internal RC oscillator
frequency (1)
RCCR = FF (reset value), TA=25 °C,
VDD=5 V
−
760
−
kHz
RCCR = RCCR0(2), TA=25 °C, VDD=5 V
−
1000
−
ACCRC
Accuracy of Internal RC
oscillator with
RCCR=RCCR0(2)
TA=25° C, VDD=4.5 to 5.5 V
-1
−
+1%
TA=-40 to +85 °C, VDD=5 V
-5
−
+2
%
TA=0 to +85° C, VDD=4.5 to 5.5 V
-2 (3)
−
+2(3)
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com