Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 145Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 146Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 147Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 148Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 149Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 150Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 151Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 152Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Package characteristics
Doc ID 8349 Rev 5
149/166
14.2
Soldering information
In accordance with the RoHS European directive, all STMicroelectronics packages have
been converted to lead-free technology, named ECOPACKTM.
●
ECOPACKTM packages are qualified according to the JEDEC STD-020C compliant
soldering profile.
●
Detailed information on the STMicroelectronics ECOPACKTM transition program is
available on www.st.com/stonline/leadfree/, with specific technical Application notes
covering the main technical aspects related to lead-free conversion (AN2033, AN2034,
AN2035, AN2036).
Backward and forward compatibility
The main difference between Pb and Pb-free soldering process is the temperature range.
●
ECOPACKTM TQFP, SDIP and SO packages are fully compatible with Lead (Pb)
containing soldering process (see application note AN2034)
●
TQFP, SDIP and SO Pb-packages are compatible with Lead-free soldering process,
nevertheless it's the customer's duty to verify that the Pb packages maximum
temperature (mentioned on the Inner box label) is compatible with their Leadfree
soldering temperature.
Table 90.
Thermal characteristics
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance
(junction to ambient)
SO20
DIP20
125
63
°C/W
TJmax
Maximum junction temperature(1)
1.
The maximum chip-junction temperature is based on technology characteristics.
150
°C
PDmax
Power dissipation(2)
2.
The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA.
The power dissipation of an application can be defined by the user with the formula: PD=PINT+PPORT
where PINT is the chip internal power (IDDxVDD) and PPORT is the port power dissipation depending on the
ports used in the application.
500
mW
Table 91.
Soldering compatibility (wave and reflow soldering process)
Package
Plating material devices
Pb solder paste
Pb-free solder paste
SDIP & PDIP
Sn (pure Tin)
Yes
Yes(1)
1.
Assemblers must verify that the Pb-package maximum temperature (mentioned on the Inner box label) is
compatible with their Lead-free soldering process.
TQFP and SO
NiPdAu (Nickel-palladium-Gold)
Yes
Yes(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com