Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2B6 Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST7FLITE20F2B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2B6 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST7FLITE20F2B6 Datasheet HTML 158Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 159Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 160Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 161Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 162Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 163Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 164Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 165Page - STMicroelectronics ST7FLITE20F2B6 Datasheet HTML 166Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 164 / 166 page
background image
Revision history
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
164/166
Doc ID 8349 Rev 5
07-Jul-2006
4
Added 300K read/write cycles for EEPROM on first page
Updated Section 4.4 on page 21 and modified note 5 and Figure 5
Added note 2 in External interrupt control register (EICR) on page 41
and changed External interrupt function on page 63
Modified read operation section in Memory access on page 24
Added note to Section 7.1 on page 33
Modified one note in Section 7.1 on page 33
Modified Table on page 37
Added note on illegal opcode reset to Section 7.5.1 on page 38
Added note to Section 7.6.1 on page 40
Changed note below Figure 8 on page 26 and the last paragraph of
Access error handling on page 26
In Section 11.2.6 on page 79, modified description of OE bits in the
PWMCR register (added “after an overflow event”).
Added important note to Section on page 94
Changed Section 13.2.1 on page 117 (fOSC or fCLKIN replaced by fCPU
and frequency values changed accordingly)
Added note 1 and modified note 3 in Section on page 113 and
Section on page 122 and changed table titles
Added Crystal and Ceramic Resonator Oscillators on page 120
Changed IS value and note 2 in Section 12.7.1 on page 127
Updated Section 14.2 on page 149
Added note to Figure 67 on page 134
Changed notes 1 and 2 to Table 89 on page 144 and added RthJA
value for DIP20 package
Changed Figure 84, Figure 85 on page 140 (and notes) and removed
EMC protection circuitry in Figure 85 on page 140 (device works
correctly without these components)
Added note 2 to opt 4 (option byte 2) in Section 15.1 on page 150
Modified Section 14.2 on page 149
Changed Section 15.3 on page 156
Added Section 16.7 on page 162
Changed LTICR reset value in Table 3 on page 18
Modified “caution” in Section 8.2 on page 46
Replaced bit1 by bit2 for AWUF bit in AWUCSR description in
Section 9.6.1 on page 61
Modified Section on page 63
Changed order of Section and Section on page 87 and removed two
paragraphs before Section 11.3.4 on page 87
Added note 3 to Section 13.3.2 on page 121
Modified Section 12.9 on page 137: changed th(MO) and tv(MO), as well
as tsu(SS) and th (SS) values and added note 4. The change made to
tsu(SS) and th (SS) values applies from silicon rev B of this product.
Changed tw(JIT) value in Section on page 113 and Section on page
122
Added note to Section 12.4.2 on page 120
Changed LTCSR2 reset value in Section 11.3.6 on page 88
Modified Figure 84 and Figure 85 on page 140
Added note 1 to the max column in table on page 144 and modified
the content of this note.
Table 101. Revision history (continued)
Date
Revision
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com