Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7FLITE20F2M6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7FLITE20F2M6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE20F2M6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7FLITE20F2M6 Datasheet HTML 104Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 105Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 106Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 107Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 108Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 109Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 110Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 111Page - STMicroelectronics ST7FLITE20F2M6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 166 page
background image
On-chip peripherals
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
108/166
Doc ID 8349 Rev 5
Data register high (ADCDRH)
Read only
Reset value: xxxx xxxx (xxh)
●
Bits 7:0 =
D[9:2] MSB of analog converted value.
AMP control/data register low (ADCDRL)
Read/Write
Reset Value: 0000 00xx (0xh)
●
Bits 7:5 = Reserved. Forced by hardware to 0.
●
Bit 4 =
AMPCAL Amplifier Calibration Bit
This bit is set and cleared by software. User is suggested to use this bit to calibrate the
ADC when amplifier is ON. Setting this bit internally connects amplifier input to 0v.
Hence, corresponding ADC output can be used in software to eliminate amplifier-offset
error.
0: Calibration off
1: Calibration on (The input voltage of the amp is set to 0V).
Note:
It is advised to use this bit to calibrate the ADC when the amplifier is ON. Setting this bit
internally connects the amplifier input to 0v. Hence, the corresponding ADC output can be
used in software to eliminate an amplifier-offset error.
●
Bit 3 =
SLOW SLOW mode
This bit is set and cleared by software. It is used together with the SPEED bit to
configure the ADC clock speed as shown Table 46.
This bit is set and cleared by software.
●
Bit 2 =
AMPSEL Amplifier selection bit
0: Amplifier is not selected
1: Amplifier is selected
●
Bits 1:0 =
D[1:0] LSB of analog converted value
Note:
When AMPSEL=1 it is mandatory that fADC be less than or equal to 2 MHz.
7
0
D9
D8
D7
D6
D5
D4
D3
D2
7
0
0
0
0
AMP CAL
SLOW
AMPSEL
D1
D0
Table 46.
ADC clock speed selection
fADC
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com