Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12MC201TIP Datasheet(PDF) 103 Page - Microchip Technology

Part # DSPIC33FJ12MC201TIP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC201TIP Datasheet(HTML) 103 Page - Microchip Technology

Back Button DSPIC33FJ12MC201TIP Datasheet HTML 99Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 100Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 101Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 102Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 103Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 104Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 105Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 106Page - Microchip Technology DSPIC33FJ12MC201TIP Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 304 page
background image
© 2007-2011 Microchip Technology Inc.
DS70265E-page 103
dsPIC33FJ12MC201/202
8.0
OSCILLATOR
CONFIGURATION
The
dsPIC33FJ12MC201/202
oscillator
system
provides:
• External and internal oscillator options as clock
sources
• An on-chip Phase-Locked Loop (PLL) to scale the
internal operating frequency to the required
system clock frequency
• An internal FRC oscillator that can also be used
with the PLL, thereby allowing full-speed opera-
tion without any external clock generation hard-
ware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• A Clock Control register (OSCCON)
• Nonvolatile Configuration bits for main oscillator
selection
A simplified diagram of the oscillator system is shown
in Figure 8-1.
FIGURE 8-1:
dsPIC33FJ12MC201/202 OSCILLATOR SYSTEM DIAGRAM
Note 1:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 family of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer
to
Section
7.
“Oscillator”
(DS70186) of the “dsPIC33F/PIC24H
Family Reference Manual”
, which is
available from the Microchip website
(www.microchip.com).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
Note
1:
See Figure 8-2 for PLL details.
2:
If the Oscillator is used with XT or HS modes, an extended parallel resistor with the value of 1 M
Ω must be connected.
3:
The term FP refers to the clock source for all peripherals, while FCY refers to the clock source for the CPU. Throughout this document,
FCY and FP are used interchangeably, except in the case of Doze mode. FP and FCY will be different when Doze mode is used with
a Doze ratio of 1:2 or lower.
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer 1
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0> FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL(1)
FCY
FOSC
OSC2
OSC1
Primary Oscillator
R(2)
POSCMD<1:0>
FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com