Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HSP Datasheet(PDF) 312 Page - Microchip Technology

Part # DSPIC33FJMC204HSP
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HSP Datasheet(HTML) 312 Page - Microchip Technology

Back Button DSPIC33FJMC204HSP Datasheet HTML 308Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 309Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 310Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 314Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 315Page - Microchip Technology DSPIC33FJMC204HSP Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 312
© 2007-2012 Microchip Technology Inc.
Section 18.0 “Inter-Integrated
Circuit™ (I2C™)”
Removed the following sections, which are now available in the related
section of the dsPIC33F/PIC24H Family Reference Manual:
• 17.3 “I2C Interrupts”
• 17.4 “Baud Rate Generator” (retained Figure 15-1: I2C Block Diagram)
• 17.5 “I2C Module Addresses”
• 17.6 “Slave Address Masking”
• 17.7 “IPMI Support”
• 17.8 “General Call Address Support”
• 17.9 “Automatic Clock Stretch”
• 17.10 “Software Controlled Clock Stretching (STREN = 1)”
• 17.11 “Slope Control”
• 17.12 “Clock Arbitration”
• 17.13 “Multi-Master Communication, Bus Collision, and Bus Arbitration”
• 17.14 “Peripheral Pin Select Limitations”
Section 19.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Removed the following sections, which are now available in the related
section of the dsPIC33F/PIC24H Family Reference Manual:
• 18.1 “UART Baud Rate Generator”
• 18.2 “Transmitting in 8-bit Data Mode”
• 18.3 “Transmitting in 9-bit Data Mode”
• 18.4 “Break and Sync Transmit Sequence”
• 18.5 “Receiving in 8-bit or 9-bit Data Mode”
• 18.6 “Flow Control Using UxCTS and UxRTS Pins”
• 18.7 “Infrared Support”
Removed IrDA references and Note 1, and updated the bit and bit value
descriptions for UTXINV (UxSTA<14>) in the UARTx Status and Control
Register (see Register 19-2).
Section 20.0 “10-bit/12-bit
Analog-to-Digital Converter (ADC)”
Removed Equation 19-1: ADC Conversion Clock Period and Figure 19-2:
ADC Transfer Function (10-Bit Example).
Added ADC1 Module Block Diagram for dsPIC33FJ16MC304 and
dsPIC33FJ32MC204 Devices (Figure 20-1) and ADC1 Module Block
Diagram FOR dsPIC33FJ32MC202 Devices (Figure 20-2).
Added Note 2 to Figure 20-3: ADC Conversion Clock Period Block Diagram.
Updated ADC Conversion Clock Select bits in the AD1CON3 register from
ADCS<5:0> to ADCS<7:0>. Any references to these bits have also been
updated throughout this data sheet (Register 20-3).
Added device-specific information to Note 1 in the ADC1 Input Scan Select
Register Low (see Register 20-6), and updated the default bit value for bits
12-10 (CSS12-CSS10) from U-0 to R/W-0.
Added device-specific information to Note 1 in the ADC1 Port Configuration
Register Low (see Register 20-7), and updated the default bit value for bits
12-10 (PCFG12-PCFG10) from U-0 to R/W-0.
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com