Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302ISO Datasheet(PDF) 323 Page - Microchip Technology

Part # DSPIC33FJMC302ISO
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302ISO Datasheet(HTML) 323 Page - Microchip Technology

Back Button DSPIC33FJMC302ISO Datasheet HTML 319Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 320Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 321Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 322Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 323Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 324Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 325Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 326Page - Microchip Technology DSPIC33FJMC302ISO Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 323
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
AD1CSSL (ADC1 Input Scan Select Low)................ 210
AD1PCFGL (ADC1 Port Configuration Low) ............ 210
CLKDIV (Clock Divisor)............................................. 107
CORCON (Core Control) ...................................... 23, 75
DFLTCON (QEI Control)........................................... 177
I2CxCON (I2Cx Control) ........................................... 188
I2CxMSK (I2Cx Slave Mode Address Mask) ............ 192
I2CxSTAT (I2Cx Status) ........................................... 190
ICxCON (Input Capture x Control) ............................ 153
IEC0 (Interrupt Enable Control 0) ............................... 84
IEC1 (Interrupt Enable Control 1) ............................... 86
IEC3 (Interrupt Enable Control 3) ............................... 87
IEC4 (Interrupt Enable Control 4) ............................... 88
IFS0 (Interrupt Flag Status 0) ..................................... 79
IFS1 (Interrupt Flag Status 1) ..................................... 81
IFS3 (Interrupt Flag Status 3) ..................................... 82
IFS4 (Interrupt Flag Status 4) ..................................... 83
INTCON1 (Interrupt Control 1).................................... 76
INTCON2 (Interrupt Control 2).................................... 78
INTTREG Interrupt Control and Status Register......... 99
IPC0 (Interrupt Priority Control 0) ............................... 89
IPC1 (Interrupt Priority Control 1) ............................... 90
IPC14 (Interrupt Priority Control 14) ........................... 96
IPC15 (Interrupt Priority Control 15) ........................... 97
IPC16 (Interrupt Priority Control 16) ........................... 97
IPC18 (Interrupt Priority Control 18) ........................... 98
IPC2 (Interrupt Priority Control 2) ............................... 91
IPC3 (Interrupt Priority Control 3) ............................... 92
IPC4 (Interrupt Priority Control 4) ............................... 93
IPC5 (Interrupt Priority Control 5) ............................... 94
IPC7 (Interrupt Priority Control 7) ............................... 95
NVMCON (Flash Memory Control) ............................. 57
NVMKEY (Nonvolatile Memory Key) .......................... 58
OCxCON (Output Compare x Control) ..................... 158
OSCCON (Oscillator Control) ................................... 105
OSCTUN (FRC Oscillator Tuning) ............................ 109
P1DC2 (PWM Duty Cycle 2)..................................... 172
P1DC3 (PWM Duty Cycle 3)..................................... 172
PDC1 (PWM Duty Cycle 1)....................................... 172
PLLFBD (PLL Feedback Divisor).............................. 108
PMD1 (Peripheral Module Disable Control
Register 1) ........................................................ 114
PMD1 (Peripheral Module Disable Control Register 1) ..
114
PMD2 (Peripheral Module Disable Control
Register 2) ........................................................ 115
PMD3 (Peripheral Module Disable Control
Register 3) ........................................................ 116
PMD3 (Peripheral Module Disable Control Register 3) ..
116
PTCON (PWM Time Base Control) .......................... 163
PTMR (PWM Timer Count Value)............................. 164
PTPER (PWM Time Base Period) ............................ 164
PWMxCON1 (PWM Control 1).................................. 166
PWMxCON2 (PWM Control 2).................................. 167
PxDTCON1 (Dead-Time Control 1) .......................... 168
PxDTCON2 (Dead-Time Control 2) .......................... 169
PxFLTACON (Fault A Control).................................. 170
PxOVDCON (Override Control) ................................ 171
PxSECMP (Special Event Compare)........................ 165
QEICON (QEI Control).............................................. 175
RCON (Reset Control) ................................................ 63
SPIxCON1 (SPIx Control 1)...................................... 182
SPIxCON2 (SPIx Control 2)...................................... 184
SPIxSTAT (SPIx Status and Control) ....................... 181
SR (CPU Status)................................................... 21, 75
T1CON (Timer1 Control) .......................................... 145
T2CON Control)........................................................ 149
T3CON Control......................................................... 150
UxMODE (UARTx Mode) ......................................... 195
UxSTA (UARTx Status and Control) ........................ 197
Reset
Illegal Opcode....................................................... 61, 69
Trap Conflict ......................................................... 68, 69
Uninitialized W Register ....................................... 61, 69
Reset Sequence ................................................................. 71
Resets ................................................................................ 61
S
Serial Peripheral Interface (SPI)....................................... 179
Software Reset Instruction (SWR)...................................... 68
Software Simulator (MPLAB SIM) .................................... 229
Software Stack Pointer, Frame Pointer
CALLL Stack Frame ................................................... 46
Special Features of the CPU ............................................ 211
SPI Module
SPI1 Register Map ..................................................... 39
Symbols Used in Opcode Descriptions ............................ 220
System Control
Register Map .............................................................. 44
T
Temperature and Voltage Specifications
AC..................................................................... 244, 285
Timer1 .............................................................................. 143
Timer2/3 ........................................................................... 147
Timing Characteristics
CLKO and I/O ........................................................... 247
Timing Diagrams
10-bit ADC Conversion (CHPS<1:0> = 01, SIMSAM = 0,
ASAM = 0, SSRC<2:0> = 000)......................... 278
10-bit ADC Conversion (CHPS<1:0> = 01, SIMSAM = 0,
ASAM = 1, SSRC<2:0> = 111,
SAMC<4:0> = 00001)....................................... 278
12-bit ADC Conversion (ASAM = 0,
SSRC<2:0> = 000) ........................................... 277
Brown-out Situations .................................................. 68
External Clock .......................................................... 245
I2Cx Bus Data (Master Mode) .................................. 270
I2Cx Bus Data (Slave Mode) .................................... 272
I2Cx Bus Start/Stop Bits (Master Mode)................... 270
I2Cx Bus Start/Stop Bits (Slave Mode)..................... 272
Input Capture (CAPx) ............................................... 253
Motor Control PWM .................................................. 255
Motor Control PWM Fault ......................................... 255
OC/PWM .................................................................. 254
Output Compare (OCx) ............................................ 253
QEA/QEB Input ........................................................ 256
QEI Module Index Pulse........................................... 257
Reset, Watchdog Timer, Oscillator Start-up Timer
and Power-up Timer......................................... 248
Timer1, 2, 3 External Clock ...................................... 250
TimerQ (QEI Module) External Clock ....................... 252
Timing Requirements
ADC Conversion (10-bit mode) ................................ 290
ADC Conversion (12-bit Mode) ................................ 290
CLKO and I/O ........................................................... 247
External Clock .......................................................... 245
Input Capture............................................................ 253
SPIx Master Mode (CKE = 0) ................................... 286
SPIx Module Master Mode (CKE = 1) ...................... 286
SPIx Module Slave Mode (CKE = 0) ........................ 287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com