Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC202ESS Datasheet(PDF) 251 Page - Microchip Technology

Part # DSPIC33FJMC202ESS
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC202ESS Datasheet(HTML) 251 Page - Microchip Technology

Back Button DSPIC33FJMC202ESS Datasheet HTML 247Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 248Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 249Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 250Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 251Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 252Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 253Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 254Page - Microchip Technology DSPIC33FJMC202ESS Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 251
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-23: TIMER2 EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
TB10
TtxH
TxCK High
Time
Synchronous
mode
Greater of:
20 or
(TCY + 20)/N
——
ns
Must also meet
parameter TB15
N = prescale
value
(1, 8, 64, 256)
TB11
TtxL
TxCK Low
Time
Synchronous
mode
Greater of:
20 or
(TCY + 20)/N
—
—
ns
Must also meet
parameter TB15
N = prescale
value
(1, 8, 64, 256)
TB15
TtxP
TxCK
Input
Period
Synchronous
mode
Greater of:
40 or
(2 TCY + 40)/N
—
—
ns
N = prescale
value
(1, 8, 64, 256)
TB20
TCKEXTMRL Delay from External TxCK
Clock Edge to Timer Incre-
ment
0.75 TCY + 40
—
1.75 TCY + 40
ns
—
Note 1: These parameters are characterized, but are not tested in manufacturing.
TABLE 24-24: TIMER3 EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
TC10
TtxH
TxCK High
Time
Synchronous
TCY + 20
—
—
ns
Must also meet
parameter TC15
TC11
TtxL
TxCK Low
Time
Synchronous
TCY + 20
—
—
ns
Must also meet
parameter TC15
TC15
TtxP
TxCK Input
Period
Synchronous,
with prescaler
2 TCY + 40
—
—
ns
N = prescale
value
(1, 8, 64, 256)
TC20
TCKEXTMRL Delay from External TxCK
Clock Edge to Timer Incre-
ment
0.75 TCY + 40
—
1.75 TCY + 40
ns
—
Note 1: These parameters are characterized, but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com