Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HML Datasheet(PDF) 309 Page - Microchip Technology

Part # DSPIC33FJMC204HML
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HML Datasheet(HTML) 309 Page - Microchip Technology

Back Button DSPIC33FJMC204HML Datasheet HTML 305Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 306Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 307Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 308Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 309Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 310Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC204HML Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 309
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
APPENDIX A: REVISION HISTORY
Revision A (February 2007)
This is the initial released version of the document.
Revision B (May 2007)
This revision includes the following corrections and
updates:
• Minor typographical and formatting corrections
throughout the data sheet text.
• New content:
- Addition of bullet item (16-word conversion
result buffer) (see Section 20.1 “Key
Features”)
• Updated register map information for RPINR14
and RPINR15 (see Table 4-16)
• Figure updates:
- Updated Oscillator System Diagram (see
Figure 8-1)
- Updated WDT Block Diagram (see
Figure 21-2)
• Equation update:
- Serial Clock Rate (see Equation 17-1)
• Register updates:
- Peripheral Pin Select Input Registers (see
Register 10-1 through Register 10-13)
- Updated ADC1 Input Channel 0 Select
register (see Register 20-5)
• The following tables in Section 24.0 “Electrical
Characteristics” have been updated with
preliminary values:
- Updated Max MIPS for -40°C to +125°C
Temp Range (see Table 24-1)
- Updated parameter DC18 (see Table 24-4)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 24-5)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 24-6)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 24-7)
- Added new parameters for +125°C, and
updated Typical and Max values for most
parameters (see Table 24-8)
- Updated parameter DI51, added parameters
DI51a, DI51b, and DI51c (see Table 24-9)
- Added Note 1 (see Table 24-11)
- Updated parameters OS10 and OS30 (see
Table 24-16)
- Updated parameter OS52 (see Table 24-17)
- Updated parameter F20, added Note 2 (see
Table 24-18)
- Updated parameter F21 (see Table 24-19)
- Updated parameter TA15 (see Table 24-22)
- Updated parameter TB15 (see Table 24-23)
- Updated parameter TC15 (see Table 24-24)
- Updated parameter IC15 (see Table 24-26)
- Updated parameters AD05, AD06, AD07,
AD08, AD10 through AD13 and AD17; added
parameters AD05a and AD06a; added Note
2; modified ADC Accuracy headings to
include measurement information (see
Table 24-38)
- Separated the ADC Module Specifications
table into three tables (see Table 24-38,
Table 24-39, and Table 24-40)
- Updated parameter AD50 (see Table 24-41)
- Updated parameters AD50 and AD57 (see
Table 24-42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com