Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 215 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 215 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 211Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 212Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 213Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 214Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 215Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 216Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 217Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 218Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 215
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
21.2
On-Chip Voltage Regulator
The
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 devices power their core digital
logic at a nominal 2.5V. This can create a conflict for
designs that are required to operate at a higher typical
voltage, such as 3.3V. To simplify system design, all
devices
in
the
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 family incorporate an on-chip
regulator that allows the device to run its core logic from
VDD.
The regulator provides power to the core from the other
VDD pins. When the regulator is enabled, a low-ESR
(less than 5 ohms) capacitor (such as tantalum or
ceramic) must be connected to the VCAP pin
(Figure 21-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capac-
itor is provided in Table 24-13 located in Section 24.1
“DC Characteristics”.
On a POR
, it takes approximately 20 μs for the on-chip
voltage regulator to generate an output voltage. During
this time, designated as TSTARTUP, code execution is
disabled. TSTARTUP is applied every time the device
resumes operation after any power-down.
FIGURE 21-1:
CONNECTIONS FOR THE
ON-CHIP VOLTAGE
REGULATOR(1,2,3)
21.3
BOR: Brown-out Reset (BOR)
The Brown-out Reset (BOR) module is based on an
internal voltage reference circuit that monitors the reg-
ulated supply voltage VCAP. The main purpose of the
BOR module is to generate a device Reset when a
brown-out condition occurs. Brown-out conditions are
generally caused by glitches on the AC mains (for
example, missing portions of the AC cycle waveform
due to bad power transmission lines, or voltage sags
due to excessive current draw when a large inductive
load is turned on).
A BOR generates a Reset pulse, which resets the
device. The BOR selects the clock source, based on
the device Configuration bit values (FNOSC<2:0> and
POSCMD<1:0>).
If an oscillator mode is selected, the BOR activates the
Oscillator Start-up Timer (OST). The system clock is
held until OST expires. If the PLL is used, the clock is
held until the LOCK bit (OSCCON<5>) is ‘1’.
Concurrently, the PWRT time-out (TPWRT) is applied
before the internal Reset is released. If TPWRT = 0 and
a crystal oscillator is being used, then a nominal delay
of TFSCM = 100 is applied. The total delay in this case
is TFSCM.
The BOR Status bit (RCON<1>) is set to indicate that a
BOR has occurred. The BOR circuit continues to oper-
ate while in Sleep or Idle modes and resets the device
should VDD fall below the BOR threshold voltage.
Note:
It is important for low-ESR capacitors to
be placed as close as possible to the VCAP
pin.
Note 1:
These are typical operating voltages. Refer to
Table 24-13 located in Section 24.1 “DC
Characteristics” for the full operating ranges
of VDD and VCAP.
2:
It is important for low-ESR capacitors to be
placed as close as possible to the VCAP pin.
3:
Typical VCAP pin voltage = 2.5V when VDD
≥
VDDMIN.
VDD
VCAP
VSS
dsPIC33F
CEFC
3.3V
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com