Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 233 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 233 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 229Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 230Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 231Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 232Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 233
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-4:
DC TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
Operating Voltage
DC10
Supply Voltage
VDD
—
3.0
—
3.6
V
Industrial and Extended
DC12
VDR
RAM Data Retention Voltage(2)
1.8
—
—
V
—
DC16
VPOR
VDD Start Voltage
to ensure internal
Power-on Reset signal
——
VSS
V—
DC17
SVDD
VDD Rise Rate
to ensure internal
Power-on Reset signal
0.03
—
—
V/ms 0-3.0V in 0.1s
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
2: This is the limit to which VDD may be lowered without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com