Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 257 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 257 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 253Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 254Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 255Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 256Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 257Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 258Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 259Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 260Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 257
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
FIGURE 24-13:
QEI MODULE INDEX PULSE TIMING CHARACTERISTICS
QEA
(input)
Ungated
Index
QEB
(input)
TQ55
Index Internal
Position Coun-
ter Reset
TQ50
TQ51
TABLE 24-31: QEI INDEX PULSE TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic(1)
Min
Max
Units
Conditions
TQ50
TqIL
Filter Time to Recognize Low,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 2)
TQ51
TqiH
Filter Time to Recognize High,
with Digital Filter
3 * N * TCY
—
ns
N = 1, 2, 4, 16, 32, 64,
128 and 256 (Note 2)
TQ55
Tqidxr
Index Pulse Recognized to Position
Counter Reset (ungated index)
3 TCY
—ns
—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Alignment of index pulses to QEA and QEB is shown for position counter Reset timing only. Shown for
forward direction only (QEA leads QEB). Same timing applies for reverse direction (QEA lags QEB) but
index pulse recognition occurs on falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com