Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 275 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 275 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 271Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 272Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 273Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 274Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 275Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 276Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 277Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 278Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 275
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-43: ADC MODULE SPECIFICATIONS (12-BIT MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
ADC Accuracy (12-bit Mode) – Measurements with external VREF+/VREF-(3)
AD20a
Nr
Resolution(4)
12 data bits
bits
—
AD21a
INL
Integral Nonlinearity
-2
—
+2
LSb
VINL = AVSS = VREFL = 0V, AVDD
= VREFH = 3.6V
AD22a
DNL
Differential Nonlinearity
>-1
—
<1
LSb
VINL = AVSS = VREFL = 0V, AVDD
= VREFH = 3.6V
AD23a
GERR
Gain Error
—
3.4
10
LSb
VINL = AVSS = VREFL = 0V, AVDD
= VREFH = 3.6V
AD24a
EOFF
Offset Error
—
0.9
5
LSb
VINL = AVSS = VREFL = 0V, AVDD
= VREFH = 3.6V
AD25a
—
Monotonicity
—
—
—
—
Guaranteed(1)
ADC Accuracy (12-bit Mode) – Measurements with internal VREF+/VREF-(3)
AD20a
Nr
Resolution(4)
12 data bits
bits
—
AD21a
INL
Integral Nonlinearity
-2
—
+2
LSb
VINL = AVSS = 0V, AVDD = 3.6V
AD22a
DNL
Differential Nonlinearity
>-1
—
<1
LSb
VINL = AVSS = 0V, AVDD = 3.6V
AD23a
GERR
Gain Error
—
10.5
20
LSb
VINL = AVSS = 0V, AVDD = 3.6V
AD24a
EOFF
Offset Error
—
3.8
10
LSb
VINL = AVSS = 0V, AVDD = 3.6V
AD25a
—
Monotonicity
—
—
—
—
Guaranteed(1)
Dynamic Performance (12-bit Mode)(2)
AD30a
THD
Total Harmonic Distortion
—
—
-75
dB
—
AD31a
SINAD
Signal to Noise and
Distortion
68.5
69.5
—
dB
—
AD32a
SFDR
Spurious Free Dynamic
Range
80
—
—
dB
—
AD33a
FNYQ
Input Signal Bandwidth
—
—
250
kHz
—
AD34a
ENOB
Effective Number of Bits
11.09
11.3
—
bits
—
Note 1: The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.
2: These parameters are characterized by similarity, but are not tested in manufacturing.
3: These parameters are characterized, but are tested at 20 ksps only.
4: Injection currents > | 0 | can affect the ADC results by approximately 4-6 counts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com