Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 293 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 293 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 289Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 290Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 291Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 292Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 293Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 294Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 295Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 296Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 330 page
background image
FIGURE 26-9:
TYPICAL IPD CURRENT @ VDD = 3.3V, +85ºC
FIGURE 26-10:
TYPICAL IDD CURRENT @ VDD = 3.3V, +85ºC
FIGURE 26-11:
TYPICAL IDOZE CURRENT @ VDD = 3.3V, +85ºC
FIGURE 26-12:
TYPICAL IIDLE CURRENT @ VDD = 3.3V, +85ºC
200
300
400
500
600
700
0
100
200
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
Temperature Celsius
20
30
40
50
60
0
10
0
102030405060
FCY (MIPS)
PMD = 0, no PLL
PMD = 0, with PLL
20.00
30.00
40.00
50.00
60.00
0.00
10.00
1:1
1:2
1:64
1:128
Doze Ratio
10
15
20
25
0
5
0
10
203040
MIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com