Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC304IMM Datasheet(PDF) 315 Page - Microchip Technology

Part # DSPIC33FJMC304IMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC304IMM Datasheet(HTML) 315 Page - Microchip Technology

Back Button DSPIC33FJMC304IMM Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 314Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 315Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 316Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 317Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 318Page - Microchip Technology DSPIC33FJMC304IMM Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 315
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
Revision E (June 2009)
This revision includes minor typographical and
formatting changes throughout the data sheet text.
Global changes include:
• Changed all instances of OSCI to OSC1 and
OSCO to OSC2
• Changed all instances of PGCx/EMUCx and
PGDx/EMUDx (where x = 1, 2 or 3) to PGECx
and PGEDx
Changed all instances of VDDCORE and VDDCORE/VCAP
to VCAP/VDDCORE
All other major changes are referenced by their
respective section in the following table.
TABLE A-3:
MAJOR SECTION UPDATES
Section Name
Update Description
“High-Performance, 16-bit Digital Signal
Controllers”
Added Note 2 to the 28-Pin QFN-S and 44-Pin QFN pin
diagrams, which references pin connections to VSS.
Section 7.0 “Interrupt Controller”
Updated addresses for interrupt vectors 80, 81, 82 and 83-125
(see Table 7-1).
Section 8.0 “Oscillator Configuration”
Updated the Oscillator System Diagram (see Figure 8-1).
Added Note 1 to the Oscillator Tuning register (OSCTUN) (see
Register 8-4).
Section 10.0 “I/O Ports”
Removed Table 10-1 and added reference to pin diagrams for I/O
pin availability and functionality.
Section 17.0 “Serial Peripheral Interface (SPI)” Added Note 2 to the SPIx Control Register 1 (see Register 17-2).
Section 19.0 “Universal Asynchronous
Receiver Transmitter (UART)”
Updated the UTXINV bit settings in the UxSTA register and
added Note 1 (see Register 19-2).
Section 24.0 “Electrical Characteristics”
Updated the Min value for parameter DC12 (RAM Retention
Voltage) and added Note 4 to the DC Temperature and Voltage
Specifications (see Table 24-4).
Updated the Min value for parameter DI35 (see Table 24-20).
Updated AD08 and added reference to Note 2 for parameters
AD05a, AD06a and AD08a (see Table 24-38).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com