Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302EMM Datasheet(PDF) 241 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 241 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 238Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 239Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 240Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 241Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 242Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 243Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 244Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 241
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 24-10: DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param. Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
DO10
VOL
Output Low Voltage
I/O Pins:
2x Sink Driver Pins - All pins not
defined by 4x or 8x driver pins
——
0.4
V
IOL
≤3 mA, VDD = 3.3V
Output Low Voltage
I/O Pins:
4x Sink Driver Pins - RA0, RA1,
RB5, RB6, RB8, RB9, RB14
——
0.4
V
IOL
≤6 mA, VDD = 3.3V
Output Low Voltage
I/O Pins:
8x Sink Driver Pins - OSCO,
CLKO, RA3
——
0.4
V
IOL
≤10 mA, VDD = 3.3V
DO20
VOH
Output High Voltage
I/O Pins:
2x Source Driver Pins - All pins
not defined by 4x or 8x driver
pins
2.4
—
—
V
IOL
≥ -3 mA, VDD = 3.3V
Output High Voltage
I/O Pins:
4x Source Driver Pins - RA0,
RA1, RB5, RB6, RB8, RB9,
RB14
2.4
—
—
V
IOL
≥ -6 mA, VDD = 3.3V
Output High Voltage
I/O Pins:
8x Source Driver Pins - OSCO,
CLKO, RA3
2.4
—
—
V
IOL
≥ -10 mA, VDD = 3.3V
DO20A VOH1
Output High Voltage
I/O Pins:
2x Source Driver Pins - All pins
not defined by 4x or 8x driver
pins
1.5
—
—
V
IOH
≥ -6 mA, VDD = 3.3V
See Note 1
2.0
—
—
IOH
≥ -5 mA, VDD = 3.3V
See Note 1
3.0
—
—
IOH
≥ -2 mA, VDD = 3.3V
See Note 1
Output High Voltage
4x Source Driver Pins - RA0,
RA1, RB5, RB6, RB8, RB9,
RB14
1.5
—
—
V
IOH
≥ -12 mA, VDD = 3.3V
See Note 1
2.0
—
—
IOH
≥ -11 mA, VDD = 3.3V
See Note 1
3.0
—
—
IOH
≥ -3 mA, VDD = 3.3V
See Note 1
Output High Voltage
8x Source Driver Pins - OSCO,
CLKO, RA3
1.5
—
—
V
IOH
≥ -16 mA, VDD = 3.3V
See Note 1
2.0
—
—
IOH
≥ -12 mA, VDD = 3.3V
See Note 1
3.0
—
—
IOH
≥ -4 mA, VDD = 3.3V
See Note 1
Note 1: Parameters are characterized, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com