Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302EMM Datasheet(PDF) 281 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 281 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 277Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 278Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 279Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 280Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 281Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 282Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 283Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 281
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
25.0 HIGH TEMPERATURE ELECTRICAL CHARACTERISTICS
This section provides an overview of dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 electrical characteristics for
devices operating in an ambient temperature range of -40°C to +150°C.
The specifications between -40°C to +150°C are identical to those shown in Section 24.0 “Electrical Characteristics”
for operation between -40°C to +125°C, with the exception of the parameters listed in this section.
Parameters in this section begin with an H, which denotes High temperature. For example, parameter DC10 in
Section 24.0 “Electrical Characteristics” is the Industrial and Extended temperature equivalent of HDC10.
Absolute maximum ratings for the dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 high temperature devices are
listed below. Exposure to these maximum rating conditions for extended periods can affect device reliability. Functional
operation of the device at these or any other conditions above the parameters indicated in the operation listings of this
specification is not implied.
Absolute Maximum Ratings(1)
Ambient temperature under bias(4) .........................................................................................................-40°C to +150°C
Storage temperature .............................................................................................................................. -65°C to +160°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +4.0V
Voltage on any pin that is not 5V tolerant with respect to VSS(5) .................................................... -0.3V to (VDD + 0.3V)
Voltage on any 5V tolerant pin with respect to VSS when VDD < 3.0V(5) .................................................... -0.3V to 3.6V
Voltage on any 5V tolerant pin with respect to VSS when VDD
≥ 3.0V(5) .................................................... -0.3V to 5.6V
Maximum current out of VSS pin .............................................................................................................................60 mA
Maximum current into VDD pin(2).............................................................................................................................60 mA
Maximum junction temperature............................................................................................................................. +155°C
Maximum current sourced/sunk by any 2x I/O pin(3) ................................................................................................2 mA
Maximum current sourced/sunk by any 4x I/O pin(3) ................................................................................................4 mA
Maximum current sourced/sunk by any 8x I/O pin(3) ................................................................................................8 mA
Maximum current sunk by all ports combined ........................................................................................................70 mA
Maximum current sourced by all ports combined(2) ................................................................................................70 mA
Note 1: Stresses above those listed under “Absolute Maximum Ratings” can cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods can affect device reliability.
2: Maximum allowable current is a function of device maximum power dissipation (see Table 25-2).
3: Unlike devices at 125°C and below, the specifications in this section also apply to the CLKOUT, VREF+,
VREF-, SCLx, SDAx, PGCx and PGDx pins.
4: AEC-Q100 reliability testing for devices intended to operate at 150°C is 1,000 hours. Any design in which
the total operating time from 125°C to 150°C will be greater than 1,000 hours is not warranted without prior
written approval from Microchip Technology Inc.
5: Refer to the “Pin Diagrams” section for 5V tolerant pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com