Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC302EMM Datasheet(PDF) 287 Page - Microchip Technology

Part # DSPIC33FJMC302EMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC302EMM Datasheet(HTML) 287 Page - Microchip Technology

Back Button DSPIC33FJMC302EMM Datasheet HTML 283Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 285Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 286Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 287Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 288Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 289Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 290Page - Microchip Technology DSPIC33FJMC302EMM Datasheet HTML 291Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 287
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 25-12: SPIx MODULE SLAVE MODE (CKE = 0) TIMING REQUIREMENTS
TABLE 25-13: SPIx MODULE SLAVE MODE (CKE = 1) TIMING REQUIREMENTS
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
HSP35 TscH2doV,
TscL2doV
SDOx Data Output Valid after
SCKx Edge
——
35
ns
—
HSP40 TdiV2scH,
TdiV2scL
Setup Time of SDIx Data Input
to SCKx Edge
25
—
—
ns
—
HSP41 TscH2diL,
TscL2diL
Hold Time of SDIx Data Input to
SCKx Edge
25
—
—
ns
—
HSP51 TssH2doZ
SSx
↑ to SDOx Output
High-Impedance
15
—
55
ns
See Note 2
Note 1: These parameters are characterized but not tested in manufacturing.
2: Assumes 50 pF load on all SPIx pins.
AC
CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Param
No.
Symbol
Characteristic(1)
Min
Typ
Max
Units
Conditions
HSP35
TscH2doV,
TscL2doV
SDOx Data Output Valid after
SCKx Edge
—
—
35
ns
—
HSP40
TdiV2scH,
TdiV2scL
Setup Time of SDIx Data Input
to SCKx Edge
25
—
—
ns
—
HSP41
TscH2diL,
TscL2diL
Hold Time of SDIx Data Input
to SCKx Edge
25
—
—
ns
—
HSP51
TssH2doZ SSx
↑ to SDOX Output
High-Impedance
15
—
55
ns
See Note 2
HSP60
TssL2doV
SDOx Data Output Valid after
SSx Edge
—
—
55
ns
—
Note 1: These parameters are characterized but not tested in manufacturing.
2: Assumes 50 pF load on all SPIx pins.
TABLE 25-14: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ 32.768 kHz(1,2)
HF21
LPRC
-70
—
+70
%
-40°C
≤TA ≤+150°C
VDD = 3.0-3.6V
Note 1: Change of LPRC frequency as VDD changes.
2: LPRC accuracy impacts the Watchdog Timer Time-out Period (TWDT1). See Section 21.4 “Watchdog
Timer (WDT)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com