Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 236 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 236 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 232Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 233Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 234Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 235Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 236Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 237Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 238Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 239Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 236
© 2007-2012 Microchip Technology Inc.
TABLE 24-7:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.(3)
Typical(2)
Max
Units
Conditions
Power-Down Current (IPD)(1)
DC60d
55
500
μA
-40°C
3.3V
Base Power-Down Current(3,4)
DC60a
63
300
μA
+25°C
DC60b
85
350
μA
+85°C
DC60c
146
600
μA
+125°C
DC61d
8
15
μA
-40°C
3.3V
Watchdog Timer Current:
ΔIWDT(3,5)
DC61a
2
3
μA
+25°C
DC61b
2
2
μA
+85°C
DC61c
3
5
μA
+125°C
Note 1: IPD (Sleep) current is measured as follows:
• CPU core is off, oscillator is configured in EC mode and external clock active, OSC1 is driven with
external square wave from rail-to-rail (EC clock overshoot/undershoot < 250 mV required)
• CLKO is configured as an I/O input pin in the Configuration word
• All I/O pins are configured as inputs and pulled to VSS
•MCLR = VDD, WDT and FSCM are disabled, all peripheral modules are disabled (PMDx bits are all
ones)
• VREGS bit (RCON<8>) = 0 (i.e., core regulator is set to stand-by while the device is in Sleep mode)
• RTCC is disabled.
• JTAG is disabled
2: Data in the “Typ” column is at 3.3V, +25ºC unless otherwise stated.
3: The Watchdog Timer Current is the additional current consumed when the WDT module is enabled. This
current should be added to the base IPD current.
4: These currents are measured on the device containing the most memory in this family.
5: These parameters are characterized, but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com