Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 246 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 246 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 242Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 243Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 244Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 245Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 246Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 247Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 248Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 249Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 330 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283K-page 246
© 2007-2012 Microchip Technology Inc.
TABLE 24-17: PLL CLOCK TIMING SPECIFICATIONS (VDD = 3.0V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS50
FPLLI
PLL Voltage Controlled
Oscillator (VCO) Input
Frequency Range(2)
0.8
—
8
MHz ECPLL, XTPLL modes
OS51
FSYS
On-Chip VCO System
Frequency(3)
100
—
200
MHz
—
OS52
TLOCK
PLL Start-up Time (Lock Time)(3)
0.9
1.5
3.1
mS
—
OS53
DCLK
CLKO Stability (Jitter)(3)
-3
0.5
3
%
Measured over 100 ms
period
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2: These parameters are characterized by similarity, but are tested in manufacturing at 7.7 MHz input only.
3: These parameters are characterized by similarity, but are not tested in manufacturing. This specification is
based on clock cycle by clock cycle measurements. To calculate the effective jitter for individual time bases
or communication clocks use this formula:
Peripheral Clock Jitter
DCLK
FOSC
Peripheral Bit Rate Clock
--------------------------------------------------------------
⎝⎠
⎛⎞
------------------------------------------------------------------------
=
For example: Fosc = 32 MHz, DCLK = 3%, SPI bit rate clock, (i.e., SCK) is 2 MHz.
SPI SCK Jitter
DCLK
32 MHz
2 MHz
--------------------
⎝⎠
⎛⎞
------------------------------
3%
16
----------
3%
4
--------
0.75%
==
=
=
TABLE 24-18: AC CHARACTERISTICS: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
Internal FRC Accuracy @ FRC Frequency = 7.37 MHz(1)
F20a
FRC
-2
—
+2
%
-40°C
≤TA ≤+85°C
VDD = 3.0-3.6V
F20b
FRC
-5
—
+5
%
-40°C
≤TA ≤+125°C
VDD = 3.0-3.6V
Note 1: Frequency calibrated at 25°C and 3.3V. TUN bits can be used to compensate for temperature drift.
TABLE 24-19: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ 32.768 kHz(1,2)
F21a
LPRC
-15
±6
+15
%
-40°C
≤TA ≤+85°C
VDD = 3.0-3.6V
F21b
LPRC
-40
—
+40
%
-40°C
≤TA ≤+125°C
VDD = 3.0-3.6V
Note 1: Change of LPRC frequency as VDD changes.
2: LPRC impacts the Watchdog Timer Time-out Period (TWDT1). See Section 21.4 “Watchdog Timer
(WDT)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com