Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 283 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 283 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 279Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 280Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 281Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 282Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 283Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 284Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 285Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 286Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 283
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
TABLE 25-4:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD)
TABLE 25-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
TABLE 25-6:
DC CHARACTERISTICS: DOZE CURRENT (IDOZE)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Parameter
No.
Typical
Max
Units
Conditions
Power-Down Current (IPD)
HDC60e
250
2000
μA
+150°C
3.3V
Base Power-Down Current(1,3)
HDC61c
3
5
μA
+150°C
3.3V
Watchdog Timer Current:
ΔIWDT(2,4)
Note 1: Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and
pulled to VSS. WDT, etc., are all switched off, and VREGS (RCON<8>) = 1.
2: The
Δ current is the additional current consumed when the module is enabled. This current should be
added to the base IPD current.
3: These currents are measured on the device containing the most memory in this family.
4: These parameters are characterized, but are not tested in manufacturing.
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Parameter
No.
Typical(1)
Max
Units
Conditions
HDC20
19
35
mA
+150°C
3.3V
10 MIPS
HDC21
27
45
mA
+150°C
3.3V
16 MIPS
HDC22
33
55
mA
+150°C
3.3V
20 MIPS
Note 1: These parameters are characterized, but are not tested in manufacturing.
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+150°C for High Temperature
Parameter
No.
Typical(1)
Max
Doze
Ratio
Units
Conditions
HDC72a
39
45
1:2
mA
+150°C
3.3V
20 MIPS
HDC72f
18
25
1:64
mA
HDC72g
18
25
1:128
mA
Note 1: Parameters with Doze ratios of 1:2 and 1:64 are characterized, but are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com