Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 291 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 291 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 287Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 288Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 289Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 290Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 291Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 292Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 293Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 294Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 295Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 330 page
background image
26.0 DC AND AC DEVICE CHARACTERISTICS GRAPHS
FIGURE 26-1:
VOH – 2x DRIVER PINS
FIGURE 26-2:
VOH – 4x DRIVER PINS
FIGURE 26-3:
VOH – 8x DRIVER PINS
FIGURE 26-4:
VOH – 16x DRIVER PINS
Note:
The graphs provided following this note are a statistical summary based on a limited number of samples and are provided for design guidance purposes only.
The performance characteristics listed herein are not tested or guaranteed. In some graphs, the data presented may be outside the specified operating range
(e.g., outside specified power supply range) and therefore, outside the warranted range.
-0.016
-0.014
-0.012
-0.010
-0.008
-0.006
-0.004
-0.016
-0.014
-0.012
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
VOH (V)
3V
3.3V
3.6V
-0.030
-0.025
-0.020
-0.015
-0.010
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
VOH (V)
3V
3.3V
3.6V
-0.040
-0.035
-0.030
-0.025
-0.020
-0.015
-0.040
-0.035
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.00
1.00
2.00
3.00
4.00
VOH (V)
3V
3.3V
3.6V
-0.080
-0.070
-0.060
-0.050
-0.040
-0.030
-0.020
-0.080
-0.070
-0.060
-0.050
-0.040
-0.030
-0.020
-0.010
0.000
0.00
1.00
2.00
3.00
4.00
VOH (V)
3V
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com