Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 313 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 313 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 309Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 310Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 311Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 312Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 313Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 314Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 315Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 316Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 317Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 313
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
Section 21.0 “Special Features”
Added FICD register information for address 0xF8000E in the Device
Configuration Register Map (see Table 21-1).
Added FICD register content (BKBUG, COE, JTAGEN, and ICS<1:0> to the
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 Configuration Bits
Description (see Table 21-2).
Added a note regarding the placement of low-ESR capacitors, after the
second paragraph of Section 21.2 “On-Chip Voltage Regulator” and to
Figure 19-1.
Removed the words “if enabled” from the second sentence in the fifth
paragraph of Section 21.3 “BOR: Brown-out Reset”.
Section 24.0 “Electrical
Characteristics”
Updated Max MIPS value for -40ºC to +125ºC temperature range in
Operating MIPS vs. Voltage (see Table 24-1).
Removed Typ value for parameter DC12 (see Table 24-4).
Updated MIPS conditions for parameters DC24c, DC44c, DC72a, DC72f
and DC72g (see Table 24-5, Table 24-6, and Table 24-8).
Added Note 4 (reference to new table containing digital-only and analog pin
information to I/O Pin Input Specifications (see Table 24-4).
Updated Typ, Min and Max values for Program Memory parameters D136,
D137 and D138 (see Table 24-12).
Updated Max value for Internal RC Accuracy parameter F21 for -40°C
≤TA ≤
+125°C condition and added Note 2 (see Table 24-19).
Removed all values for Reset, Watchdog Timer, Oscillator Start-up Timer,
and Power-up Timer parameter SY20 and updated conditions, which now
refers to Section 21.4 “Watchdog Timer (WDT)” and LPRC parameter
F21a (see Table 24-21).
Updated Min and Typ values for parameters AD60, AD61, AD62 and AD63
and removed Note 3 (see Table 24-41).
Updated Min and Typ values for parameters AD60, AD61, AD62 and AD63
and removed Note 3 (see Table 24-42).
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com