Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 321 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 321 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 317Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 318Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 319Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 320Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 321Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 322Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 323Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 324Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 321
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
INDEX
A
AC Characteristics .................................................... 244, 285
ADC Module.............................................................. 288
ADC Module (10-bit Mode) ....................................... 289
ADC Module (12-bit Mode) ....................................... 288
Internal RC Accuracy ................................................ 246
Load Conditions ................................................ 244, 285
ADC
Initialization ............................................................... 199
Key Features............................................................. 199
ADC Module
ADC1 Register Map for dsPIC33FJ32MC202 ............ 40
ADC1 Register Map for dsPIC33FJ32MC204 and
dsPIC33FJ16MC304 .......................................... 41
Alternate Interrupt Vector Table (AIVT) .............................. 71
Analog-to-Digital Converter (ADC).................................... 199
Arithmetic Logic Unit (ALU)................................................. 24
Assembler
MPASM Assembler................................................... 228
B
Barrel Shifter ....................................................................... 28
Bit-Reversed Addressing .................................................... 49
Example ...................................................................... 50
Implementation ........................................................... 49
Sequence Table (16-Entry)......................................... 50
Block Diagrams
16-bit Timer1 Module ................................................ 143
A/D Module ....................................................... 200, 201
Connections for On-Chip Voltage Regulator............. 215
Device Clock ............................................................. 101
DSP Engine ................................................................ 25
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 .. 10
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304
CPU Core ........................................................... 18
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304 PLL
103
Input Capture ............................................................ 151
Output Compare ....................................................... 155
PLL............................................................................ 103
PWM Module .................................................... 160, 161
Quadrature Encoder Interface .................................. 173
Reset System.............................................................. 61
Shared Port Structure ............................................... 117
SPI ............................................................................ 179
Timer2 (16-bit) .......................................................... 148
Timer2/3 (32-bit) ....................................................... 148
UART ........................................................................ 193
Watchdog Timer (WDT) ............................................ 216
C
C Compilers
MPLAB C18 .............................................................. 228
Clock Switching................................................................. 110
Enabling .................................................................... 110
Sequence.................................................................. 110
Code Examples
Erasing a Program Memory Page............................... 59
Initiating a Programming Sequence............................ 60
Loading Write Buffers ................................................. 60
Port Write/Read ........................................................ 118
PWRSAV Instruction Syntax..................................... 111
Code Protection ........................................................ 211, 218
Configuration Bits.............................................................. 211
Configuration Register Map .............................................. 211
Configuring Analog Port Pins............................................ 118
CPU
Control Register.......................................................... 21
CPU Clocking System ...................................................... 102
PLL Configuration..................................................... 102
Selection................................................................... 102
Sources .................................................................... 102
Customer Change Notification Service............................. 325
Customer Notification Service .......................................... 325
Customer Support............................................................. 325
D
Data Accumulators and Adder/Subtracter .......................... 26
Data Space Write Saturation ...................................... 28
Overflow and Saturation ............................................. 26
Round Logic ............................................................... 27
Write Back .................................................................. 27
Data Address Space........................................................... 31
Alignment.................................................................... 31
Memory Map for dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 Devices with 2 KBs RAM . 32
Near Data Space ........................................................ 31
Software Stack ........................................................... 46
Width .......................................................................... 31
DC and AC Characteristics
Graphs and Tables ................................................... 291
DC Characteristics............................................................ 232
Doze Current (IDOZE)................................................ 283
High Temperature..................................................... 282
I/O Pin Input Specifications ...................................... 238
I/O Pin Output Specifications............................ 241, 284
Idle Current (IDOZE) .................................................. 237
Idle Current (IIDLE) .................................................... 235
Operating Current (IDD) ............................................ 234
Operating MIPS vs. Voltage ..................................... 282
Power-Down Current (IPD)........................................ 236
Power-down Current (IPD) ........................................ 283
Program Memory...................................................... 242
Temperature and Voltage......................................... 282
Temperature and Voltage Specifications.................. 233
Thermal Operating Conditions.................................. 282
Development Support ....................................................... 227
Doze Mode ....................................................................... 112
DSP Engine ........................................................................ 24
Multiplier ..................................................................... 26
E
Electrical Characteristics .................................................. 231
AC..................................................................... 244, 285
Equations
Device Operating Frequency.................................... 102
Errata.................................................................................... 7
F
Fail-Safe Clock Monitor .................................................... 110
Flash Program Memory ...................................................... 55
Control Registers........................................................ 56
Operations .................................................................. 56
Programming Algorithm.............................................. 59
RTSP Operation ......................................................... 56
Table Instructions ....................................................... 55
Flexible Configuration ....................................................... 211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com