Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJMC204HMM Datasheet(PDF) 193 Page - Microchip Technology

Part # DSPIC33FJMC204HMM
Description  16-bit Digital Signal Controllers (up to 32 KB Flash and 2 KB SRAM) with Motor Control and Advanced Analog
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJMC204HMM Datasheet(HTML) 193 Page - Microchip Technology

Back Button DSPIC33FJMC204HMM Datasheet HTML 189Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 190Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 191Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 192Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 193Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 194Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 195Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 196Page - Microchip Technology DSPIC33FJMC204HMM Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 330 page
background image
© 2007-2012 Microchip Technology Inc.
DS70283K-page 193
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
19.0 UNIVERSAL ASYNCHRONOUS
RECEIVER TRANSMITTER
(UART)
The Universal Asynchronous Receiver Transmitter
(UART) module is one of the serial I/O modules
available
in
the
dsPIC33FJ32MC202/204
and
dsPIC33FJ16MC304 device family. The UART is a
full-duplex
asynchronous
system
that
can
communicate with peripheral devices, such as
personal computers, LIN, and RS-232 and RS-485
interfaces. The module also supports a hardware flow
control option with the UxCTS and UxRTS pins and
also includes an IrDA® encoder and decoder.
The primary features of the UART module are:
• Full-Duplex, 8-bit or 9-bit Data Transmission
through the UxTX and UxRX pins
• Even, Odd or No Parity Options (for 8-bit data)
• One or two stop bits
• Hardware flow control option with UxCTS and
UxRTS pins
• Fully integrated Baud Rate Generator with 16-bit
prescaler
• Baud rates ranging from 10 Mbps to 38 bps at 40
MIPS
• 4-deep First-In First-Out (FIFO) Transmit Data
buffer
• 4-deep FIFO Receive Data buffer
• Parity, framing and buffer overrun error detection
• Support for 9-bit mode with Address Detect
(9th bit = 1)
• Transmit and Receive interrupts
• A separate interrupt for all UART error conditions
• Loopback mode for diagnostic support
• Support for sync and break characters
• Support for automatic baud rate detection
•IrDA® encoder and decoder logic
• 16x baud clock output for IrDA® support
A simplified block diagram of the UART module is
shown in Figure 19-1. The UART module consists of
these key hardware elements:
• Baud Rate Generator
• Asynchronous Transmitter
• Asynchronous Receiver
FIGURE 19-1:
UART SIMPLIFIED BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the dsPIC33FJ32MC202/204 and
dsPIC33FJ16MC304 family of devices. It
is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section 17. “UART” (DS70188) of the
“dsPIC33F/PIC24H Family Reference
Manual”, which is available on the Micro-
chip web site (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
UxRX
Hardware Flow Control
UART Receiver
UART Transmitter
UxTX
Baud Rate Generator
UxRTS/BCLK
IrDA®
UxCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com