Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GP202TH/ML Datasheet(PDF) 241 Page - Microchip Technology

Part # DSPIC33FJ32GP202TH/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML Datasheet(HTML) 241 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 237Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 238Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 239Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 240Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 241Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 242Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 243Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 244Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 241
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
REGISTER 19-24: CiRXOVF1: ECAN™ RECEIVE BUFFER OVERFLOW REGISTER 1
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF15
RXOVF14
RXOVF13
RXOVF12
RXOVF11
RXOVF10
RXOVF9
RXOVF8
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF7
RXOVF6
RXOVF5
RXOVF4
RXOVF3
RXOVF2
RXOVF1
RXOVF0
bit 7
bit 0
Legend:
C = Writable bit, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<15:0>: Receive Buffer n Overflow bits
1
= Module attempted to write to a full buffer (set by module)
0
= No overflow condition
REGISTER 19-25: CiRXOVF2: ECAN™ RECEIVE BUFFER OVERFLOW REGISTER 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF31
RXOVF30
RXOVF29
RXOVF28
RXOVF27
RXOVF26
RXOVF25
RXOVF24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF23
RXOVF22
RXOVF21
RXOVF20
RXOVF19
RXOVF18
RXOVF17
RXOVF16
bit 7
bit 0
Legend:
C = Writable bit, but only ‘0’ can be written to clear the bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<31:16>: Receive Buffer n Overflow bits
1
= Module attempted to write to a full buffer (set by module)
0
= No overflow condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com