Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 209Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 210Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 211Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 212Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 408 page
background image
Input/Output Ports (I/O)
Port B
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Input/Output Ports (I/O)
213
16.4 Port B
Port B is an 6-bit special-function port that shares all six of its pins with
the analog-to-digital converter (ADC) module.
16.4.1 Port B Data Register
The port B data register (PTB) contains a data latch for each of the six
port pins.
PTB5–PTB0 — Port B Data Bits
These read/write bits are software-programmable. Data direction of
each port B pin is under the control of the corresponding bit in data
direction register B. Reset has no effect on port B data.
AD5–AD0 — Analog-to-Digital Input Bits
AD5–AD0 are pins used for the input channels to the analog-to-digital
converter module. The channel select bits in the ADC status and
control register define which port B pin will be used as an ADC input
and overrides any control from the port I/O logic by forcing that pin as
the input to the analog circuitry.
NOTE:
Care must be taken when reading port B while applying analog voltages
to AD5–AD0 pins. If the appropriate ADC channel is not enabled,
excessive current drain may occur if analog voltages are applied to the
PTBx/ADx pin, while PTB is read as a digital input. Those ports not
selected as analog input channels are considered digital I/O ports.
NOTE:
PTB4 and 5 are not available in a 28-pin DIP and SOIC package
Address:
$0001
Bit 7
654321
Bit 0
Read:
0
0
PTB5
PTB4
PTB3
PTB2
PTB1
PTB0
Write:
Reset:
Unaffected by reset
Alternate
Function:
AD5
AD4
AD3
AD2
AD1
AD0
Figure 16-6. Port B Data Register (PTB)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com