Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 336 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 336 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 332Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 333Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 334Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 335Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 336Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 337Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 338Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 339Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 340Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 408 page
background image
Timer Interface Module (TIM)
Technical Data
MC68HC908GR8 — Rev 4.0
336
Timer Interface Module (TIM)
MOTOROLA
22.3 Features
Features of the TIM include:
•
Three input capture/output compare channels:
–
Rising-edge, falling-edge, or any-edge input capture trigger
–
Set, clear, or toggle output compare action
•
Buffered and unbuffered pulse-width-modulation (PWM) signal
generation
•
Programmable TIM clock input with 7-frequency internal bus clock
prescaler selection
•
Free-running or modulo up-count operation
•
Toggle any channel pin on overflow
•
TIM counter stop and reset bits
•
I/O port bit(s) software configurable with pullup device(s) if
configured as input port bit(s)
22.4 Pin Name Conventions
The text that follows describes both timers, TIM1 and TIM2. The TIM
input/output (I/O) pin names are T[1,2]CH0 (timer 1 channel 0, timer 2
channel 0) and T[1]CH1 (timer channel 1), where “1” is used to indicate
TIM1 and “2” is used to indicate TIM2. The two TIMs share three I/O pins
with three port D I/O port pins. The full names of the TIM I/O pins are
listed in Table 22-1. The generic pin names appear in the text that
follows.
Table 22-1. Pin Name Conventions
TIM Generic Pin Names:
T[1,2]CH0
T[1,2]CH1
Full TIM
Pin Names:
TIM1
PTD4/ATD12/TBLCK
PTD5/T1CH1
TIM2
PTD6/ATD14/TACLK
--
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com