Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 173Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 174Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 175Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 176Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 177Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 178Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 179Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 180Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 408 page
background image
Keyboard Interrupt (KBI)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Keyboard Interrupt (KBI)
177
Figure 13-1. Keyboard Module Block Diagram
KB0IE
KB3IE
.
.
.
KEYBOARD
INTERRUPT
DQ
CK
CLR
VDD
MODEK
IMASKK
KEYBOARD
INTERRUPT FF
REQUEST
VECTOR FETCH
DECODER
ACKK
INTERNAL BUS
RESET
TO PULLUP
KBD3
KBD0
TO PULLUP
SYNCHRONIZER
KEYF
ENABLE
ENABLE
Addr.
Register Name
Bit 7
654321
Bit 0
$001A
Keyboard Status
and Control Register
(INTKBSCR)
Read:
0000
KEYF
0
IMASKK
MODEK
Write:
ACKK
Reset:
00000000
$001B
Keyboard Interrupt Enable
Register (INTKBIER)
Read:
KBIE3
KBIE2
KBIE1
KBIE0
Write:
Reset:
0000
= Unimplemented
Figure 13-2. I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com