Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/PQTP Datasheet(PDF) 251 Page - Microchip Technology

Part # PIC18F1220E/PQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/PQTP Datasheet(HTML) 251 Page - Microchip Technology

Back Button PIC18F1220E/PQTP Datasheet HTML 247Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 248Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 249Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 250Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 251Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 252Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 253Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 254Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 249
PIC18F1220/1320
Module Differential Currents (
ΔIWDT, ΔIBOR, ΔILVD, ΔIOSCB, ΔIAD)
D022
(
ΔIWDT)
Watchdog Timer
1.5
4.0
μA
-40°C
2.2
4.0
μA+25°C
VDD = 2.0V
3.1
5.0
μA+85°C
2.5
6.0
μA
-40°C
3.3
6.0
μA+25°C
VDD = 3.0V
4.7
7.0
μA+85°C
3.7
10.0
μA
-40°C
4.5
10.0
μA+25°C
VDD = 5.0V
6.1
13.0
μA+85°C
D022A
(
ΔIBOR)
Brown-out Reset
19
35.0
μA-40°C to +85°CVDD = 3.0V
24
45.0
μA-40°C to +85°CVDD = 5.0V
D022B
(
ΔILVD)
Low-Voltage Detect
8.5
25.0
μA-40°C to +85°CVDD = 2.0V
16
35.0
μA-40°C to +85°CVDD = 3.0V
20
45.0
μA-40°C to +85°CVDD = 5.0V
D025
(
ΔIOSCB)
Timer1 Oscillator
1.7
3.5
μA-40°C
1.8
3.5
μA+25°CVDD = 2.0V
32 kHz on Timer1(4)
2.1
4.5
μA+85°C
2.2
4.5
μA-40°C
2.6
4.5
μA+25°CVDD = 3.0V
32 kHz on Timer1(4)
2.8
5.5
μA+85°C
3.0
6.0
μA-40°C
3.3
6.0
μA+25°CVDD = 5.0V
32 kHz on Timer1(4)
3.6
7.0
μA+85°C
D026
(
ΔIAD)
A/D Converter
1.0
3.0
μA-40°C to +85°CVDD = 2.0V
A/D on, not converting
1.0
4.0
μA-40°C to +85°CVDD = 3.0V
2.0
10.0
μA-40°C to +85°CVDD = 5.0V
1.0
8.0
μA-40°C to +125°CVDD = 5.0V
22.2
DC Characteristics: Power-Down and Supply Current
PIC18F1220/1320 (Industrial)
PIC18LF1220/1320 (Industrial) (Continued)
PIC18LF1220/1320
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F1220/1320
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com