Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220E/PQTP Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC18F1220E/PQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220E/PQTP Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC18F1220E/PQTP Datasheet HTML 300Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 301Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 302Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 303Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 304Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 305Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 306Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 307Page - Microchip Technology PIC18F1220E/PQTP Datasheet HTML 308Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 307 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 305
PIC18F1220/1320
PIC18F1220/1320 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
−
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18F1220/1320(1),
PIC18F1220/1320T(2);
VDD range 4.2V to 5.5V
PIC18LF1220/1320(1),
PIC18LF1220/1320T(2);
VDD range 2.5V to 5.5V
Temperature
Range
I=
-40
°C to +85°C(Industrial)
E=
-40
°C to +125°C (Extended)
Package
SO =
SOIC
SS = SSOP
P=
PDIP
ML = QFN
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF1320-I/P 301 = Industrial
temp., PDIP package, Extended
VDD limits, QTP pattern #301.
b)
PIC18LF1220-I/SO
=
Industrial
temp., SOIC package, Extended
VDD limits.
Note 1:
F = Standard Voltage range
LF = Wide Voltage Range
2:
T = in tape and reel – SOIC
package only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com