Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320E/SSQTP Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC18F1320E/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SSQTP Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC18F1320E/SSQTP Datasheet HTML 169Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 170Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 171Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 172Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 173Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 174Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 175Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 176Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 171
PIC18F1220/1320
19.0
SPECIAL FEATURES OF
THE CPU
PIC18F1220/1320 devices include several features
intended to maximize system reliability, minimize cost
through elimination of external components and offer
code protection. These are:
• Oscillator Selection
• Resets:
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Fail-Safe Clock Monitor
• Two-Speed Start-up
• Code Protection
• ID Locations
• In-Circuit Serial Programming
Several oscillator options are available to allow the part
to fit the application. The RC oscillator option saves
system cost, while the LP crystal option saves power.
These are discussed in detail in Section 2.0 “Oscillator
Configurations”.
A complete discussion of device Resets and interrupts
is available in previous sections of this data sheet.
In addition to their Power-up and Oscillator Start-up
Timers provided for Resets, PIC18F1220/1320 devices
have a Watchdog Timer, which is either permanently
enabled via
the
configuration bits, or
software
controlled (if configured as disabled).
The inclusion of an internal RC oscillator also provides
the additional benefits of a Fail-Safe Clock Monitor
(FSCM) and Two-Speed Start-up. FSCM provides for
background monitoring of the peripheral clock and
automatic switchover in the event of its failure. Two-
Speed Start-up enables code to be executed almost
immediately on start-up, while the primary clock source
completes its start-up delays.
All of these features are enabled and configured by
setting the appropriate configuration register bits.
19.1
Configuration Bits
The configuration bits can be programmed (read as
‘0’), or left unprogrammed (read as ‘1’), to select vari-
ous device configurations. These bits are mapped
starting at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h-3FFFFFh),
which can only be accessed using table reads and
table writes.
Programming the configuration registers is done in a
manner similar to programming the Flash memory. The
EECON1 register WR bit starts a self-timed write to the
configuration register. In normal operation mode, a
TBLWT
instruction, with the TBLPTR pointing to the
configuration register, sets up the address and the data
for the configuration register write. Setting the WR bit
starts a long write to the configuration register. The con-
figuration registers are written a byte at a time. To write
or erase a configuration cell, a TBLWT instruction can
write a ‘1’ or a ‘0’ into the cell. For additional details on
Flash programming, refer to Section 6.5 “Writing to
Flash Program Memory”.
TABLE 19-1:
CONFIGURATION BITS AND DEVICE IDS
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300001h
CONFIG1H
IESO
FSCM
—
—
FOSC3
FOSC2
FOSC1
FOSC0
11-- 1111
300002h
CONFIG2L
—
—
—
—
BORV1
BORV0
BOR
PWRTEN
---- 1111
300003h
CONFIG2H
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
WDT
---1 1111
300005h
CONFIG3H
MCLRE
—
—
—
—
—
—
—
1--- ----
300006h
CONFIG4L
DEBUG
—
—
—
—LVP
—STVR
1--- -1-1
300008h
CONFIG5L
—
—
—
—
—
—CP1
CP0
---- --11
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—
—
—
WRT1
WRT0
---- --11
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—
—
—
EBTR1
EBTR0
---- --11
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh
DEVID1(1)
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
xxxx xxxx
(1)
3FFFFFh
DEVID2(1)
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0000 0111
Legend:
x
= unknown, u = unchanged, – = unimplemented. Shaded cells are unimplemented, read as ‘0’.
Note
1:
See Register 19-14 for DEVID1 values. DEVID registers are read-only and cannot be programmed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com