Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320E/SSQTP Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC18F1320E/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SSQTP Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC18F1320E/SSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 179Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 181Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 182Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1320E/SSQTP Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 308 page
background image
PIC18F1220/1320
DS39605F-page 180
© 2007 Microchip Technology Inc.
19.2
Watchdog Timer (WDT)
For PIC18F1220/1320 devices, the WDT is driven by the
INTRC source. When the WDT is enabled, the clock
source is also enabled. The nominal WDT period is 4 ms
and has the same stability as the INTRC oscillator.
The 4 ms period of the WDT is multiplied by a 16-bit
postscaler. Any output of the WDT postscaler is selected
by a multiplexer, controlled by bits in Configuration
Register 2H. Available periods range from 4 ms to
131.072 seconds (2.18 minutes). The WDT and
postscaler are cleared when any of the following events
occur: execute a SLEEP or CLRWDT instruction, the IRCF
bits (OSCCON<6:4>) are changed or a clock failure has
occurred.
Adjustments to the internal oscillator clock period using
the OSCTUNE register also affect the period of the
WDT by the same factor. For example, if the INTRC
period is increased by 3%, then the WDT period is
increased by 3%.
19.2.1
CONTROL REGISTER
Register 19-14 shows the WDTCON register. This is a
readable and writable register, which contains a control
bit that allows software to override the WDT enable
configuration bit, only if the configuration bit has
disabled the WDT.
FIGURE 19-1:
WDT BLOCK DIAGRAM
REGISTER 19-14: WDTCON REGISTER
Note 1: The CLRWDT and SLEEP instructions
clear the WDT and postscaler counts
when executed.
2: Changing the setting of the IRCF bits
(OSCCON<6:4>) clears the WDT and
postscaler counts.
3: When a CLRWDT instruction is executed
the postscaler count will be cleared.
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—SWDTEN
bit 7
bit 0
bit 7-1
Unimplemented: Read as ‘0’
bit 0
SWDTEN: Software Controlled Watchdog Timer Enable bit
1
= Watchdog Timer is on
0
= Watchdog Timer is off
Note:
This bit has no effect if the configuration bit, WDTEN (CONFIG2H<0>), is enabled.
Legend:
R = Readable bit
W = Writable bit
-n = Value at POR
U = Unimplemented bit, read as ‘0’
INTRC Oscillator
WDT
Wake-up
Reset
WDT
WDT Counter
(31 kHz)
Programmable Postscaler
1:1 to 1:32,768
Enable WDT
WDTPS<3:0>
SWDTEN
WDTEN
CLRWDT
4
from Sleep
Reset
All Device
Sleep
INTRC Control
Resets
÷125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com