Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1320E/SOSQTP Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18F1320E/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SOSQTP Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18F1320E/SOSQTP Datasheet HTML 183Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 184Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 185Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 186Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 187Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 188Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 189Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 190Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 185
PIC18F1220/1320
19.5
Program Verification and
Code Protection
The overall structure of the code protection on the
PIC18 Flash devices differs significantly from other PIC
devices.
The user program memory is divided into three blocks.
One of these is a boot block of 512 bytes. The remain-
der of the memory is divided into two blocks on binary
boundaries.
Each of the three blocks has three protection bits
associated with them. They are:
• Code-Protect bit (CPn)
• Write-Protect bit (WRTn)
• External Block Table Read bit (EBTRn)
Figure 19-5 shows the program memory organization
for 4 and 8-Kbyte devices and the specific code protec-
tion bit associated with each block. The actual locations
of the bits are summarized in Table 19-3.
FIGURE 19-5:
CODE-PROTECTED PROGRAM MEMORY FOR PIC18F1220/1320
TABLE 19-3:
SUMMARY OF CODE PROTECTION REGISTERS
Block Code
Protection
Controlled By:
MEMORY SIZE/DEVICE
Block Code
Protection
Controlled By:
Address
Range
4Kbytes
(PIC18F1220)
8Kbytes
(PIC18F1320)
Address
Range
CPB, WRTB, EBTRB
000000h
0001FFh
Boot Block
Boot Block
000000h
0001FFh
CPB, WRTB, EBTRB
CP0, WRT0, EBTR0
000200h
0007FFh
Block 0
Block 0
000200h
CP0, WRT0, EBTR0
CP1, WRT1, EBTR1
000800h
000FFFh
Block 1
000FFFh
(Unimplemented
Memory Space)
001000h
Unimplemented
Read ‘0’s
Block 1
001000h
CP1, WRT1, EBTR1
001FFFh
1FFFFFh
Unimplemented
Read ‘0’s
002000h
1FFFFFh
(Unimplemented
Memory Space)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—
—
—CP1
CP0
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—
—
—
WRT1
WRT0
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—
—
—
EBTR1
EBTR0
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
Legend: Shaded cells are unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com