Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 103Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 104Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 105Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 106Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 107Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 108Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 109Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 110Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 105
PIC18F1220/1320
12.2
Timer1 Oscillator
A crystal oscillator circuit is built-in between pins T1OSI
(input) and T1OSO (amplifier output). It is enabled by
setting control bit, T1OSCEN (T1CON<3>). The oscil-
lator is a low-power oscillator rated for 32 kHz crystals.
It will continue to run during all power managed modes.
The circuit for a typical LP oscillator is shown in
Figure 12-3. Table 12-1 shows the capacitor selection
for the Timer1 oscillator.
The user must provide a software time delay to ensure
proper start-up of the Timer1 oscillator.
FIGURE 12-3:
EXTERNAL
COMPONENTS FOR THE
TIMER1 LP OSCILLATOR
TABLE 12-1:
CAPACITOR SELECTION FOR
THE TIMER OSCILLATOR
Note:
The Timer1 oscillator shares the T1OSI
and T1OSO pins with the PGD and PGC
pins
used
for
programming
and
debugging.
When using the Timer1 oscillator, In-Circuit
Serial
Programming
(ICSP)
may
not
function correctly (high voltage or low
voltage), or the In-Circuit Debugger (ICD)
may not communicate with the controller.
As a result of using either ICSP or ICD, the
Timer1 crystal may be damaged.
If ICSP or ICD operations are required, the
crystal should be disconnected from the
circuit (disconnect either lead), or installed
after programming. The oscillator loading
capacitors may remain in-circuit during
ICSP or ICD operation.
Osc Type
Freq
C1
C2
LP
32 kHz
22 pF(1)
22 pF(1)
Note 1: Microchip suggests this value as a starting
point in validating the oscillator circuit.
Oscillator operation should then be tested
to ensure expected performance under
all
expected
conditions
(VDD
and
temperature).
2: Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time.
3: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate
values
of
external
components.
4: Capacitor values are for design guidance
only.
Note:
See the Notes with Table 12-1 for additional
information about capacitor selection.
C1
C2
XTAL
PIC18FXXXX
PGD/T1OSI
PGC/T1OSO
32.768 kHz
22 pF
22 pF
PGD
PGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com