Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F1220TE/SSQTP Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC18F1220TE/SSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1220TE/SSQTP Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC18F1220TE/SSQTP Datasheet HTML 173Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 174Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 175Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 176Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 177Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 178Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 179Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 180Page - Microchip Technology PIC18F1220TE/SSQTP Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 308 page
background image
© 2007 Microchip Technology Inc.
DS39605F-page 175
PIC18F1220/1320
REGISTER 19-4:
CONFIG3H: CONFIGURATION REGISTER 3 HIGH (BYTE ADDRESS 300005h)
REGISTER 19-5:
CONFIG4L: CONFIGURATION REGISTER 4 LOW (BYTE ADDRESS 300006h)
R/P-1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
MCLRE
—
—
—
—
—
—
—
bit 7
bit 0
bit 7
MCLRE: MCLR Pin Enable bit
1
=MCLR pin enabled, RA5 input pin disabled
0
= RA5 input pin enabled, MCLR disabled
bit 6-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
R/P-1
U-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
DEBUG
—
—
—
—LVP
—STVR
bit 7
bit 0
bit 7
DEBUG: Background Debugger Enable bit (see note)
1
= Background debugger disabled, RB6 and RB7 configured as general purpose I/O pins
0
= Background debugger enabled, RB6 and RB7 are dedicated to In-Circuit Debug
bit 6-3
Unimplemented: Read as ‘0’
bit 2
LVP: Low-Voltage ICSP Enable bit
1
= Low-Voltage ICSP enabled
0
= Low-Voltage ICSP disabled
bit 1
Unimplemented: Read as ‘0’
bit 0
STVR: Stack Full/Underflow Reset Enable bit
1
= Stack full/underflow will cause Reset
0
= Stack full/underflow will not cause Reset
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
Note:
The Timer1 oscillator shares the T1OSI and T1OSO pins with the PGD and PGC
pins used for programming and debugging.
When using the Timer1 oscillator, In-Circuit Serial Programming (ICSP) may not
function correctly (high voltage or low voltage), or the In-Circuit Debugger (ICD) may
not communicate with the controller. As a result of using either ICSP or ICD, the
Timer1 crystal may be damaged.
If ICSP or ICD operations are required, the crystal should be disconnected from the
circuit (disconnect either lead) or installed after programming. The oscillator loading
capacitors may remain in-circuit during ICSP or ICD operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com