Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/SOSQTP Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC18F2510E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/SOSQTP Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC18F2510E/SOSQTP Datasheet HTML 238Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 239Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 240Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 241Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 242Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 243Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 244Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 245Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 244
© 2009 Microchip Technology Inc.
REGISTER 22-6:
CONFIG5L: CONFIGURATION REGISTER 5 LOW (BYTE ADDRESS 300008h)
REGISTER 22-7:
CONFIG5H: CONFIGURATION REGISTER 5 HIGH (BYTE ADDRESS 300009h)
U-0
U-0
U-0
U-0
R/C-1
R/C-1
R/C-1
R/C-1
—
—
—
—CP3(1,2)
CP2(1)
CP1
CP0
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3
CP3: Code Protection bit(1,2)
1 = Block 3 (006000-007FFFh) not code-protected(3)
0 = Block 3 (006000-007FFFh) code-protected(3)
1 = Block 3 (00C000-00FFFFh) not code-protected(4)
0 = Block 3 (00C000-00FFFFh) code-protected(4)
bit 2
CP2: Code Protection bit(1)
1 = Block 2 (004000-005FFFh) not code-protected(3)
0 = Block 2 (004000-005FFFh) code-protected(3)
1 = Block 2 (008000-00BFFFh) not code-protected(4)
0 = Block 2 (008000-00BFFFh) code-protected(4)
bit 1
CP1: Code Protection bit
1 = Block 1 (002000-003FFFh) not code-protected(3)
0 = Block 1 (002000-003FFFh) code-protected(3)
1 = Block 1 (004000-007FFFh) not code-protected(4)
0 = Block 1 (004000-007FFFh) code-protected(4)
bit 0
CP0: Code Protection bit
1 = Block 0 (000800-001FFFh) not code-protected(3)
0 = Block 0 (000800-001FFFh) code-protected(3)
1 = Block 0 (000800-003FFFh) not code-protected(4)
0 = Block 0 (000800-003FFFh) code-protected(4)
Note 1: Unimplemented in PIC18F2410/4410 devices; maintain this bit set.
2: Unimplemented in PIC18F2515/4515 devices; maintain this bit set.
3: Address range for 16K and 32K devices.
4: Address range for 48K and 64K devices.
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
U-0
R/C-1
U-0
U-0
U-0
U-0
U-0
U-0
—CPB
—
—
—
—
—
—
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
CPB: Boot Block Code Protection bit
1 = Boot block (000000-0007FFh) not code-protected
0 = Boot block (000000-0007FFh) code-protected
bit 5-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com