Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/SOSQTP Datasheet(PDF) 252 Page - Microchip Technology

Part # PIC18F2510E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/SOSQTP Datasheet(HTML) 252 Page - Microchip Technology

Back Button PIC18F2510E/SOSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 251Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 252Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 253Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 254
© 2009 Microchip Technology Inc.
FIGURE 22-6:
CODE-PROTECTED PROGRAM MEMORY FOR PIC18F2515/2610/4515/4610
TABLE 22-3:
SUMMARY OF CODE PROTECTION REGISTERS
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—CP3(1,2)
CP2(1)
CP1
CP0
300009h
CONFIG5H
—CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—WRT3(1,2)
WRT2(1)
WRT1
WRT0
30000Bh
CONFIG6H
—
WRTB
WRTC
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—EBTR3(1,2)
EBTR2(1)
EBTR1
EBTR0
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
Legend:
Shaded cells are unimplemented.
Note 1:
Unimplemented in PIC18F2410/4410 devices; maintain this bit set.
2:
Unimplemented in PIC18F2515/4515 devices; maintain this bit set.
MEMORY SIZE/DEVICE
Block Code Protection
Controlled By:
48 Kbytes
(PIC18F2515/4515)
64 Kbytes
(PIC18F2610/4610)
Address
Range
Boot Block
Boot Block
000000h
0007FFh
CPB, WRTB, EBTRB
Block 0
Block 0
000800h
003FFFh
CP0, WRT0, EBTR0
Block 1
Block 1
004000h
007FFFh
CP1, WRT1, EBTR1
Block 2
Block 2
008000h
00BFFFh
CP2, WRT2, EBTR2
Unimplemented
Read ‘0’s
Block 3
00C000h
00FFFFh
CP3, WRT3, EBTR3
Unimplemented
Read ‘0’s
010000h
1FFFFFh
(Unimplemented Memory Space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com