Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2510E/SOSQTP Datasheet(PDF) 359 Page - Microchip Technology

Part # PIC18F2510E/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2510E/SOSQTP Datasheet(HTML) 359 Page - Microchip Technology

Back Button PIC18F2510E/SOSQTP Datasheet HTML 355Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 356Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 357Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 358Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 359Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F2510E/SOSQTP Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 361
PIC18F2X1X/4X1X
APPENDIX A: REVISION HISTORY
Revision A (June 2004)
Original data sheet for PIC18F2X1X/4X1X devices.
Revision B (October 2006)
Changes to Register 22-13: Device ID Register 2 and
packaging diagrams updated.
Revision C (January 2007)
Packaging diagrams updated.
Revision D (October 2009)
Updated to remove Preliminary status.
APPENDIX B: DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1 and Table B-2.
TABLE B-1:
DEVICE DIFFERENCES (PIC18F2410/2415/2510/2515/2610)
TABLE B-2:
DEVICE DIFFERENCES (PIC18F4410/4415/4510/4515/4610)
Features
PIC18F2410
PIC18F2510
PIC18F2515
PIC18F2610
Program Memory (Bytes)
16384
32768
49152
65536
Program Memory (Instructions)
8192
16384
24576
32768
Interrupt Sources
18
18
18
18
I/O Ports
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, (E)
Ports A, B, C, (E)
Capture/Compare/PWM Modules
2
2
2
2
Enhanced
Capture/Compare/PWM Modules
00
0
0
Parallel
Communications (PSP)
No
No
No
No
10-bit Analog-to-Digital Module
10 input channels
10 input channels
10 input channels
10 input channels
Packages
28-pin SPDIP
28-pin SOIC
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin QFN
28-pin SPDIP
28-pin SOIC
28-pin SPDIP
28-pin SOIC
Features
PIC18F4410
PIC18F4510
PIC18F4515
PIC18F4610
Program Memory (Bytes)
16384
32768
49152
65536
Program Memory (Instructions)
8192
16384
24576
32768
Interrupt Sources
19
19
19
19
I/O Ports
Ports A, B, C, D, E
Ports A, B, C, D, E
Ports A, B, C, D, E
Ports A, B, C, D, E
Capture/Compare/PWM Modules
2
2
2
2
Enhanced
Capture/Compare/PWM Modules
00
0
0
Parallel
Communications (PSP)
Yes
Yes
Yes
Yes
10-bit Analog-to-Digital Module
13 input channels
13 input channels
13 input channels
13 input channels
Packages
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP
40-pin PDIP
44-pin QFN
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com