Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2610I/SOSQTP Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC18F2610I/SOSQTP
Description  28/40/44-Pin Flash Microcontrollers
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610I/SOSQTP Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC18F2610I/SOSQTP Datasheet HTML 319Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 320Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 321Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 322Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 323Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 324Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 325Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 326Page - Microchip Technology PIC18F2610I/SOSQTP Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 376 page
background image
© 2009 Microchip Technology Inc.
DS39636D-page 325
PIC18F2X1X/4X1X
Module Differential Currents (
ΔIWDT, ΔIBOR, ΔILVD, ΔIOSCB, ΔIAD)
D022
(
ΔIWDT)
Watchdog Timer
1.3
3.8
μA-40°C
VDD = 2.0V
1.4
3.8
μA+25°C
2.0
3.8
μA+85°C
1.9
4.6
μA-40°C
VDD = 3.0V
2.0
4.6
μA+25°C
2.8
4.6
μA+85°C
4.0
10
μA-40°C
VDD = 5.0V
5.5
10
μA+25°C
5.6
10
μA+85°C
13
13
μA
+125°C
D022A
(
ΔIBOR)
Brown-out Reset(5)
35
40
μA
-40°C to +85°C
VDD = 3.0V
40
45
μA
-40°C to +85°C
VDD = 5.0V
55
45
μA
-40°C to +125°C
05
μA
-40°C to +125°C
Sleep mode,
BOREN1:BOREN0 = 10
D022B
(
ΔILVD)
High/Low-Voltage
Detect(5)
22
38
μA
-40°C to +85°C
VDD = 2.0V
25
40
μA-40°C to +85°C
VDD = 3.0V
29
45
μA
-40°C to +85°C
VDD = 5.0V
30
45
μA
-40°C to +125°C
D025
(
ΔIOSCB)
Timer1 Oscillator
2.1
4.5
μA-40°C
VDD = 2.0V
32 kHz on Timer1(4)
1.8
4.5
μA+25°C
2.1
4.5
μA+85°C
2.2
6.0
μA-40°C
VDD = 3.0V
32 kHz on Timer1(4)
2.6
6.0
μA+25°C
2.9
6.0
μA+85°C
3.0
8.0
μA-40°C
VDD = 5.0V
32 kHz on Timer1(4)
3.2
8.0
μA+25°C
3.4
8.0
μA+85°C
D026
(
ΔIAD)
A/D Converter
1.0
2.0
μA
-40°C to +85°C
VDD = 2.0V
A/D on, not converting
1.0
2.0
μA
-40°C to +85°C
VDD = 3.0V
1.0
2.0
μA
-40°C to +85°C
VDD = 5.0V
2.0
8.0
μA
-40°C to +125°C
25.2
DC Characteristics:
Power-Down and Supply Current
PIC18F2X1X/4X1X (Industrial)
PIC18LF2X1X/4X1X (Industrial) (Continued)
PIC18LF2X1X/4X1X
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18F2X1X/4X1X
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
ParamNo.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured
with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that
add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin
loading and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Low-power Timer1 oscillator selected.
5:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be less
than the sum of both specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com