Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IO134PDB3V2 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 99Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 100Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 101Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 102Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 103Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 104Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 105Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 106Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-89
Timing Characteristics
1.2 V DC Core Voltage
1.5 V DC Core Voltage
Table 2-161 • LVDS
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.80
1.87
0.05
2.48
ns
–1
0.68
1.59
0.05
2.11
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-162 • LVDS
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.61
1.75
0.04
2.18
ns
–1
0.52
1.48
0.03
1.86
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-163 • LVDS
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks for A3P250 and A3P1000 Only
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.63
2.07
0.05
1.82
ns
–1
0.54
1.76
0.04
1.55
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com