Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ12GP201TI/ML Datasheet(PDF) 105 Page - Microchip Technology

Part # DSPIC33FJ12GP201TI/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TI/ML Datasheet(HTML) 105 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TI/ML Datasheet HTML 101Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 102Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 103Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 104Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 105Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 106Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 107Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 108Page - Microchip Technology DSPIC33FJ12GP201TI/ML Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 103
dsPIC33FJ12GP201/202
9.4.3.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a
particular pin dictates the peripheral output to be
mapped. The RPORx registers are used to control
output mapping. Like the RPINRx registers, each
register contains sets of 5-bit fields, with each set
associated with one RPn pin (see Register 9-10
through Register 9-17). The value of the bit field
corresponds to one of the peripherals, and that
peripheral’s output is mapped to the pin (see Table 9-2
and Figure 9-3).
The list of peripherals for output mapping also includes
a null value of 00000
because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 9-3:
MULTIPLEXING OF REMAPPABLE OUTPUT FOR RPn
TABLE 9-2:
OUTPUT SELECTION FOR REMAPPABLE PIN (RPn)
0
19
3
RPnR<4:0>
Default
U1TX Output Enable
U1RTS Output Enable 4
18
OC1 Output Enable
0
19
3
Default
U1TX Output
U1RTS Output
4
OC2 Output
18
OC1 Output
Output Enable
Output Data
RPn
OC2 Output Enable
Function
RPnR<4:0>
Output Name
NULL
00000
RPn tied to default port pin
U1TX
00011
RPn tied to UART 1 Transmit
U1RTS
00100
RPn tied to UART 1 Ready To Send
SDO1
00111
RPn tied to SPI 1 Data Output
SCK1OUT
01000
RPn tied to SPI 1 Clock Output
SS1OUT
01001
RPn tied to SPI 1 Slave Select Output
OC1
10010
RPn tied to Output Compare 1
OC2
10011
RPn tied to Output Compare 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com