Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 208 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 208 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 204Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 205Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 206Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 207Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 208Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 209Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 210Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 211Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 206
Preliminary
© 2006 Microchip Technology Inc.
)
TABLE 23-35: I2C™ BUS DATA TIMING REQUIREMENTS (MASTER MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min(1)
Max
Units
Conditions
IM10
TLO:SCL
Clock Low Time 100 kHz mode
TCY / 2 (BRG + 1)
—
µs
—
400 kHz mode
TCY / 2 (BRG + 1)
—
µs
—
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
µs
—
IM11
THI:SCL
Clock High Time 100 kHz mode
TCY / 2 (BRG + 1)
—
µs
—
400 kHz mode
TCY / 2 (BRG + 1)
—
µs
—
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
µs
—
IM20
TF:SCL
SDA and SCL
Fall Time
100 kHz mode
—
300
ns
CB is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(2)
—
100
ns
IM21
TR:SCL
SDA and SCL
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be
from 10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
1 MHz mode(2)
—
300
ns
IM25
TSU:DAT
Data Input
Setup Time
100 kHz mode
250
—
ns
—
400 kHz mode
100
—
ns
1 MHz mode(2)
TBD
—
ns
IM26
THD:DAT Data Input
Hold Time
100 kHz mode
0
—
ns
—
400 kHz mode
0
0.9
µs
1 MHz mode(2)
TBD
—
ns
IM30
TSU:STA
Start Condition
Setup Time
100 kHz mode
TCY / 2 (BRG + 1)
—
µs
Only relevant for
repeated Start
condition
400 kHz mode
TCY / 2 (BRG + 1)
—
µs
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
µs
IM31
THD:STA Start Condition
Hold Time
100 kHz mode
TCY / 2 (BRG + 1)
—
µs
After this period the
first clock pulse is
generated
400 kHz mode
TCY / 2 (BRG + 1)
—
µs
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
µs
IM33
TSU:STO Stop Condition
Setup Time
100 kHz mode
TCY / 2 (BRG + 1)
—
µs
—
400 kHz mode
TCY / 2 (BRG + 1)
—
µs
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
µs
IM34
THD:STO Stop Condition
100 kHz mode
TCY / 2 (BRG + 1)
—
ns
—
Hold Time
400 kHz mode
TCY / 2 (BRG + 1)
—
ns
1 MHz mode(2)
TCY / 2 (BRG + 1)
—
ns
IM40
TAA:SCL
Output Valid
From Clock
100 kHz mode
—
3500
ns
—
400 kHz mode
—
1000
ns
—
1 MHz mode(2)
——
ns
—
IM45
TBF:SDA Bus Free Time
100 kHz mode
4.7
—
µs
Time the bus must be
free before a new
transmission can start
400 kHz mode
1.3
—
µs
1 MHz mode(2)
TBD
—
µs
IM50
CB
Bus Capacitive Loading
—
400
pF
Note 1:
BRG is the value of the I2C™ Baud Rate Generator. Refer to Section 21 “Inter-Integrated Circuit™
(I2C)” in the “dsPIC30F Family Reference Manual” (DS70046).
2:
Maximum pin capacitance = 10 pF for all I2C pins (for 1 MHz mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com