Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 220 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 220 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 216Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 217Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 218Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 219Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 220Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 221Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 222Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 223Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 238 page
background image
dsPIC30F6011A/6012A/6013A/6014A
DS70143C-page 218
Preliminary
© 2006 Microchip Technology Inc.
80-Lead Plastic Thin Quad Flatpack (PT) 12x12x1 mm Body, 1.0/0.10 mm Lead Form (TQFP)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
F
E
E1
#leads=n1
p
B
D1
D
n
1
2
φ
c
β
L
A
A1
A2
α
CH x 45°
1.10
1.00
.043
.039
1.14
0.89
0.64
.045
.035
.025
CH
Pin 1 Corner Chamfer
1.00 REF.
.039 REF.
F
Footprint
Units
INCHES
MILLIMETERS*
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
80
80
Pitch
p
.020 BSC
0.50 BSC
Overall Height
A
.047
1.20
Molded Package Thickness
A2
.037
.039
.041
0.95
1.00
1.05
Standoff
A1
.002
.004
.006
0.05
0.10
0.15
Foot Length
L
.018
.024
.030
0.45
0.60
0.75
Foot Angle
φ
0°
3.5°
7°
0°
3.5°
7°
Overall Width
E
.551 BSC
14.00 BSC
Overall Length
D
.551 BSC
14.00 BSC
Molded Package Width
E1
.472 BSC
12.00 BSC
Molded Package Length
D1
.472 BSC
12.00 BSC
Pins per Side
n1
20
20
Lead Thickness
c
.004
.006
.008
0.09
0.15
0.20
Lead Width
B
.007
.009
.011
0.17
0.22
0.27
Mold Draft Angle Top
α
5°
10°
15°
5°
10°
15°
Mold Draft Angle Bottom
β
5°
10°
15°
5°
10°
15°
Notes:
JEDEC Equivalent: MS-026
Revised 07-22-05
* Controlling Parameter
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Dimensions D1 and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-092



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com