| Electronic Components Datasheet Search |
|
DSPIC30F2011AT-30I/PF Datasheet(PDF) 128 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011AT-30I/PF Datasheet(HTML) 128 Page - Microchip Technology |
|
128 / 238 page ![]() dsPIC30F6011A/6012A/6013A/6014A DS70143C-page 126 Preliminary © 2006 Microchip Technology Inc. 18.3.6 SLAVE FRAME SYNC OPERATION When the DCI module is operating as a frame sync slave (COFSD = 1), data transfers are controlled by the Codec device attached to the DCI module. The COFSM control bits control how the DCI module responds to incoming COFS signals. In the Multi-Channel mode, a new data frame transfer will begin one CSCK cycle after the COFS pin is sam- pled high (see Figure 18-2). The pulse on the COFS pin resets the frame sync generator logic. In the I2S mode, a new data word will be transferred one CSCK cycle after a low-to-high or a high-to-low transition is sampled on the COFS pin. A rising or fall- ing edge on the COFS pin resets the frame sync generator logic. In the AC-Link mode, the tag slot and subsequent data slots for the next frame will be transferred one CSCK cycle after the COFS pin is sampled high. The COFSG and WS bits must be configured to pro- vide the proper frame length when the module is oper- ating in the Slave mode. Once a valid frame sync pulse has been sampled by the module on the COFS pin, an entire data frame transfer will take place. The module will not respond to further frame sync pulses until the data frame transfer has completed. FIGURE 18-2: FRAME SYNC TIMING, MULTI-CHANNEL MODE FIGURE 18-3: FRAME SYNC TIMING, AC-LINK START OF FRAME FIGURE 18-4: I2S INTERFACE FRAME SYNC TIMING CSCK CSDI/CSDO COFS MSB LSB Tag MSb BIT_CLK CSDO or CSDI SYNC Tag bit 14 S12 LSb S12 bit 1 S12 bit 2 Tag bit 13 MSB LSB MSB LSB CSCK CSDI or CSDO WS Note: A 5-bit transfer is shown here for illustration purposes. The I2S protocol does not specify word length – this will be system dependent. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |