Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F2011AT-30I/PF Datasheet(PDF) 145 Page - Microchip Technology

Part # DSPIC30F2011AT-30I/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30I/PF Datasheet(HTML) 145 Page - Microchip Technology

Back Button DSPIC30F2011AT-30I/PF Datasheet HTML 141Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 142Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 143Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 144Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 145Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 146Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 147Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 148Page - Microchip Technology DSPIC30F2011AT-30I/PF Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 238 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS70143C-page 143
dsPIC30F6011A/6012A/6013A/6014A
20.0
SYSTEM INTEGRATION
There are several features intended to maximize
system reliability, minimize cost through elimination of
external components, provide power-saving operating
modes and offer code protection:
• Oscillator Selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Programmable Brown-out Reset (BOR)
• Watchdog Timer (WDT)
• Low Voltage Detect
• Power-Saving modes (Sleep and Idle)
• Code Protection
• Unit ID Locations
• In-Circuit Serial Programming (ICSP)
dsPIC30F devices have a Watchdog Timer, which is
permanently enabled via the Configuration bits or can
be software controlled. It runs off its own RC oscillator
for added reliability. There are two timers that offer
necessary delays on power-up. One is the Oscillator
Start-up Timer (OST), intended to keep the chip in
Reset until the crystal oscillator is stable. The other is
the Power-up Timer (PWRT), which provides a delay
on power-up only, designed to keep the part in Reset
while the power supply stabilizes. With these two tim-
ers on-chip, most applications need no external Reset
circuitry.
Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through external Reset, Watchdog Timer Wake-up or
through an interrupt. Several oscillator options are also
made available to allow the part to fit a wide variety of
applications. In the Idle mode, the clock sources are
still active, but the CPU is shut-off. The RC oscillator
option saves system cost, while the LP crystal option
saves power.
20.1
Oscillator System Overview
The dsPIC30F oscillator system has the following
modules and features:
• Various external and internal oscillator options as
clock sources
• An on-chip PLL to boost internal operating
frequency
• A clock switching mechanism between various
clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• Clock Control register (OSCCON)
• Configuration bits for main oscillator selection
Configuration bits determine the clock source upon
Power-on Reset (POR) and Brown-out Reset (BOR).
Thereafter, the clock source can be changed between
permissible clock sources. The OSCCON register con-
trols the clock switching and reflects system clock
related status bits.
Table 20-1 provides a summary of the dsPIC30F
oscillator operating modes. A simplified diagram of the
oscillator system is shown in Figure 20-1.
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046). For more
information on the device instruction set and pro-
gramming, refer to the “dsPIC30F/33F
Programmer’s Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com